Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT043DFFFWD-2 Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT043DFFFWD-2
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT043DFFFWD-2 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT043DFFFWD-2 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TOPWAY
LCD Module User Manual
LMT043DFFFWD-2
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT043DFFFWD-2-Manual-Rev0.1.DOC
Page: 4 of 12
3. Terminal Functions
3.1
Interface
Pin
No.
Pin
Name
I/O
Descriptions
1
VLED-
P
Backlight LED Cathode supply
2
VLED+
P
Backlight LED Anode supply
3
GND
P
Power Ground (0V)
4
VDD
P
Positive Power Supply
5
R0
I
Red color data input
:
:
12
R7
13
G0
I
Green color data input
:
:
20
G7
21
B0
I
Blue color data input
:
:
28
B7
29
GND
P
Power Ground (0V)
30
DCLK
I
Data clock signal input, rising edge trigger
31
DISP
I
Display on/of control (internally pull high)
DISP=1: normal operation
DISP=0: standby mode
32
HSYNC
I
Horizontal Sync signal input
(negative polarity, internally pull high)
(If not using, pull high)
33
VSYNC
I
Vertical Sync Signal Input
(negative polarity, internally pull high)
(If not using, pull high)
34
DE
I
Data Enable Signal Input
(internal pull low)
(If not using, pull low)
35
NC
-
No connection, leave open
36
GND
P
Power Ground (0V)
37
NC
-
No connection, leave open
38
NC
39
NC
40
NC
Note:
The LMT043DFFFWD both supports DE mode and Sync mode timing.
SYNC mode, DE pull-lo, HSYNC and VSYNC for timing control
DE mode, HSYNC and VSYNC pull-hi, DE for timing control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com