Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT043DFFFWD-2 Datasheet(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT043DFFFWD-2
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT043DFFFWD-2 Datasheet(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT043DFFFWD-2 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TOPWAY
LCD Module User Manual
LMT043DFFFWD-2
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT043DFFFWD-2-Manual-Rev0.1.DOC
Page: 5 of 12
4. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Supply Voltage
VDD
-0.3
+4.6
V
GND = 0V
Operating Temperature
TOP
-20
+70
C
No Condensation
Storage Temperature
TST
-30
+80
C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional
operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure
to extreme conditions may affect device reliability.
5. Electrical Characteristics
5.1
DC Characteristics (MCU terminal)
GND=0V, VDD =3.3V, TOP =25C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Operating Voltage
VDD
3.0
3.3
3.6
V
VDD
Input High Voltage
VIH
0.7VDD
-
VDD
V
Input pins
Input Low Voltage
VIL
GND
-
0.3VDD
V
Input pins
Frame Freq
FFRAME
-
60
-
Hz
Dot Data Clock
fDOTCLK
-
9.0
15
MHz
Operating Current (*1)
IDD
-
18.4
-
mA
VDD
Standby Current (*2)
IDD
-
15.2
-
uA
VDD
Note.
*1. test image is Black Mode, Frame Freq=60Hz
*2. DISP=0
5.2
LED Backlight Circuit Characteristics
IfVLED+=40mA, TOP=25C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Note
Forward Voltage
Vf
-
16.0
-
V
Forward Current
IfVLED+
-
40
50
mA
Life Time
-
10,000
(20,000)
-
hr
Cautions:
Exceeding the recommended driving current could cause substantial damage to the backlight and shorten its lifetime.
No. of LEDs = 2x5 pcs
VLED+
VLED-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com