Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT043DFFFWD-2 Datasheet(PDF) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT043DFFFWD-2
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT043DFFFWD-2 Datasheet(HTML) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT043DFFFWD-2 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TOPWAY
LCD Module User Manual
LMT043DFFFWD-2
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT043DFFFWD-2-Manual-Rev0.1.DOC
Page: 10 of 12
Note 1:
The data are measured after LEDs are turned on for 5 minutes.
LCM displays full white. The brightness is the average value of 9
measured spots. Measurement equipment SR-3A (1°)
Measuring condition:
- Measuring surroundings: Dark room
- Measuring temperature: Ta=25℃.
- Adjust operating voltage to get optimum contrast at
the center of the display.
Note 2:
The definition of viewing angle:
Refer to the graph below marked by θ and Ф
Note 3:
The definition of contrast ratio (Test LCM using SR-3A (1°)):
Luminance When LCD is at “White” state
Contrast
Ratio(CR)
=
Luminance When LCD is at “Black” state
(Contrast Ratio is measured in optimum common electrode
voltage)
Note 4:
Definition of Response time. (Test LCD using BM-7A(2°)):
The output signals of photo detector are measured
when the input signals are changed from
“black” to “white”(falling time)
and from “white” to “black”(rising time), respectively.
The response time is defined as
the time interval between the 10% and 90% of amplitudes.Refer to
figure as below.
Note 5:
Definition of Color of CIE1931 Coordinate and NTSC Ratio.
Color gamut:
Area of RGB triangle
S=
Area of NTSC triangle
X100%
Note 6:
The luminance uniformity is calculated by using following formula.
△
Bp = Bp (Min.) / Bp (Max.)×100 (%)
Bp (Max.) = Maximum brightness in 9 measured spots
Bp (Min.) = Minimum brightness in 9 measured spots
.
Note 7:
Measured the luminance of white state at center point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com