Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT043DFFFWD-2 Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT043DFFFWD-2
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT043DFFFWD-2 Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT043DFFFWD-2 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT043DFFFWD-2 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TOPWAY
LCD Module User Manual
LMT043DFFFWD-2
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT043DFFFWD-2-Manual-Rev0.1.DOC
Page: 3 of 12
1. General Specification
Note:
*1 Color tune may slightly changed by temperature and driving voltage.
*2 For saturated color display content (eg. pure-red, pure-green, pure-blue or pure-colors-combinations).
*3 For ”color scales” display content.
2. Block Diagram
Screen Size(Diagonal) :
4.3 inch
Resolution :
480(RGB) x 272
Signal Interface :
24bit parallel interface
Color Depth :
16.7M color (24bit) (*1)
Dot Pitch :
0.198 x 0.198 (mm)
Pixel Configuration :
RGB Stripe
Display Mode :
Transmissive / Positive (normal white)
Surface Treatment :
Anti-Glare Treatment
Viewing Direction :
12 o’clock (Gray Scale Inversion Direction)(*2)
6 o’clock(*3)
Outline Dimension :
105.5 x 67.2 x 2.9 (mm)
(exclude FPC/FFC, see attached drawing for details)
Active Area :
95.04 x 53.86 (mm)
Backlight :
White LED
Operating Temperature :
-20 ~ +70°C
Storage Temperature :
-30 ~ +80°C
480(x3) x 272 pixels
TFT Panel
Backlight Circuit
VLED-, VLED+
R0~R7, G0~G7, B0~B7
VDD, GND
DCLK, HSYNC, VSYNC, DE,DISP
TFT Driver
ST7282T or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com