Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2529L-R Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE2529L-R
Description  RangeCharger 2.4GHz Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2529L-R Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE2529L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SE2529L
RangeCharger™ 2.4GHz Power Amplifier
63-DST-01 Rev 2.0 Nov 9/03
2 of 10
Pin Out Diagram
SE2529L
Bottom View
SE2529L
Top View
9
8
7
1
2
3
GND
IN
Vb1
GND
OUT/V
CC3
GND
Die Pad
9
8
7
1
2
3
GND
IN
Vb1
GND
OUT/V
CC3
GND
Figure 2: SE2529L Pin-Out Diagram
Pin Out Description
Pin No.
Name
Note
Description
1
GND
Ground
2
IN
Power amplifier RF input
3
Vb1
1
Stage 1 bias
4
VCC0
Bias supply voltage
5
Vb2
1
Stage 2 bias
6
Vb3
1
Stage 3 bias
7
GND
Ground
8
OUT/ VCC3
PA output and Stage 3 collector supply voltage; external output matching
network with DC feed required.
9
GND
Ground
10
VCC2
Stage 2 collector supply
11
VCC1
Stage 1 collector supply
12
GND
Ground
Die Pad
GND
Exposed die pad; electrical and thermal ground
Notes: (1) Pin for injecting bias current – refer to SiGe Semiconductor’s applications support for optimum values
for particular applications.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com