Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2529L-R Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part # SE2529L-R
Description  RangeCharger 2.4GHz Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2529L-R Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  SE2529L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SE2529L
RangeCharger™ 2.4GHz Power Amplifier
63-DST-01 Rev 2.0 Nov 9/03
5 of 10
AC Electrical Characteristics
802.11G AC Electrical Characteristics
Conditions: VCC = 3.3V, Vbb = 2.9V, TA = 25°C, f = 2.45GHz, with RF tuning optimized for 802.11g mode operation.
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
fL-U
Frequency Range
2400
2500
MHz
P1dB
1dB Compressed CW Output Power
1
23.5
25
28
dBm
S21
Small Signal Gain (with output match and
harmonic filter included)
28
31
37
dB
∆S21
Gain Variation over band (2400-2485 MHz)
1.0
2.0
dB
2f,3f,4f,5f
Harmonics
2
-65
-55
dBc
S21OFF
Forward Gain when PA is off,
PIN ≤ 2dBm
3
-35
-30
dB
ACPR
Adjacent Channel Power Ratio (@ 19 dBm)
@ ±11MHz offsets from carrier
@ ±20MHz offsets from carrier
@ ±30MHz offsets from carrier
4
-30
-42
-52
dBc
EVM
Error Vector Magnitude (@ 19dBm)
5
2.5
%
P/1MHz
Restricted band spectral power (@ 19dBm)
6
-43
dBm/Mhz
STAB
Stability (PIN ≤ 2dBm, Load VSWR = 6:1)
All non-harmonically related outputs less than
-50 dBc/100kHz
VSWR
Tolerance to output load mismatching
10:1 (No damage)
Notes: (1) Matching networks optimized for 802.11g mode operation.
(2) With 802.11g OFDM signal at +19dBm output power.
(3) Device in standby mode by applying Vb1, Vb2 and Vb3 < 1 V.
(4) ACPR offsets are measured at stated offsets from center of channel. Measured with spectrum analyzer
settings of 100kHz (RBW) and 30kHz (VBW).
(5) EVM measured on Agilent 89611A PSA/VSA analysis system.
(6) FCC restricted bands exist at 2310-2390 MHz and 2483.5-2500 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com