Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2529L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2529L-R
Description  RangeCharger 2.4GHz Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2529L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2529L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SE2529L
RangeCharger™ 2.4GHz Power Amplifier
63-DST-01 Rev 2.0 Nov 9/03
1 of 10
Applications
DSSS 2.4GHz WLAN (IEEE 802.11b)
OFDM 2.4GHz WLAN (IEEE 802.11g)
Access Points, PCMCIA, PC cards
2.4GHz cordless telephones
Features
Delivers industry leading output power:
+19dBm, 802.11g, 54 Mbps, EVM = 2.5%
+23dBm, 802.11b, ACPR < -32dBc
+25dBm CW P1dB at 3.3V
Superior harmonic performance, No band pass
filter required allowing for a lower BOM
31dB Gain
Exceptional temperature stability
Small plastic package, 12 pin QFN
Ordering Information
Type
Package
Remark
SE2529L
Samples
SE2529L-R
12 - 4x4mm QFN
Tape and Reel
SE2529L-EK1
12 - 4x4mm QFN
Evaluation Kit
Product Description
The SE2529L is a 2.4GHz, Silicon Germanium power
amplifier designed for use in the 2.4GHz ISM band for
wireless LAN and cordless telephone applications.
For wireless LAN applications, the device meets the
system requirements of IEEE802.11g and delivers
approximately +19dBm, at an EVM of 2.5%, while
achieving an adjacent channel power of better than –
26dBc @ 11MHz offset. The SE2529L meets this
performance and output power while adhering to the
FCC 15.209 restricted band requirements.
For
IEEE802.11b, the SE2529L delivers approximately
+23dBm @ ACPR = -32dBc.
The
SE2529L
typically
achieves
harmonic
performance of -65dBc with the recommended
discrete integrated output match and low pass filter,
thus not requiring an expensive and larger band pass
filter.
Functional Block Diagram
Current
Mirror
Stage 1
Stage 2
Stage 3
V
CC1
V
CC2
OUT/V
CC3
I N
Current
Mirror
Current
Mirror
V
0
V
b1
V
b2
V
b3
I/S
Match
I/S
Match
Figure 1: SE2529L Functional Block Diagram


Similar Part No. - SE2529L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2520 SIGE-SE2520 Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L SIGE-SE2520L Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-EK1 SIGE-SE2520L-EK1 Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-EK3 SIGE-SE2520L-EK3 Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-R SIGE-SE2520L-R Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
More results

Similar Description - SE2529L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2520L SIGE-SE2520L Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2522BL SIGE-SE2522BL Datasheet
399Kb / 8P
RangeCharger??2.4GHz 23 dBm Power Amplifier Preliminary Information
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
logo
Intersil Corporation
HFA3983 INTERSIL-HFA3983 Datasheet
133Kb / 7P
2.4GHz Power Amplifier and Detector
March 2000
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
logo
Intersil Corporation
ISL3984 INTERSIL-ISL3984 Datasheet
116Kb / 7P
2.4GHz Power Amplifier and Detector
December 2000
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024_1 Datasheet
315Kb / 5P
Power Amplifier 0.5W 2.4GHz
logo
SiGe Semiconductor, Inc...
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PA2423L SIGE-PA2423L_06 Datasheet
200Kb / 10P
RangeCharger 2.4 GHz Power Amplifier IC
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com