Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2529L-R Datasheet(PDF) 4 Page - SiGe Semiconductor, Inc.

Part # SE2529L-R
Description  RangeCharger 2.4GHz Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2529L-R Datasheet(HTML) 4 Page - SiGe Semiconductor, Inc.

  SE2529L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2529L-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SE2529L
RangeCharger™ 2.4GHz Power Amplifier
63-DST-01 Rev 2.0 Nov 9/03
4 of 10
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings may cause permanent damage
to, or affect the reliability of the device. Avoid operating the device outside the recommended operating conditions
defined below. This device is ESD sensitive. Handling and assembly of this device should be at ESD protected
workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage on VCC0, VCC1, VCC2 and OUT/VCC3
-0.3
+3.6
V
Vbb
Bias Voltage (Vb1, Vb2, Vb3)
-0.3
+3.6
V
IN
RF Input Power
+8
dBm
TA
Operating Temperature Range
-40
+85
°C
TSTG
Storage Temperature Range
-40
+150
°C
Tj
Maximum Junction Temperature
+150
°C
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage (VCC0, VCC1, VCC2, OUT/VCC3)
3.0
3.6
V
TA
Ambient Temperature
-40
85
°C
DC Electrical Characteristics
802.11g DC Electrical Characteristics
Conditions: VCC = 3.3V, Vbb = 2.9V TA = 25°C, as measured on SiGe Semiconductors SE2529L-EV1 evaluation
board, unless otherwise noted. “802.11g” mode, circuit tuning/biasing optimized for “g” full rate signal.
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
ICC
Supply Current (POUT = 19 dBm, 54 Mbps
OFDM signal, 64QAM)
1
175
200
225
mA
∆IccTEMP
Supply Current variation over temperature
from TA = 25°C (-40°C < TA < +85°C)
1
±10
%
Notes: (1) ICC refers to the total current into VCC0, VCC1, VCC2 and OUT/Vcc3
802.11b DC Electrical Characteristics
Conditions: VCC = 3.3V, Vbb = 2.9V, TA = 25°C, as measured on SiGe Semiconductors SE2529L-EV1 evaluation
board, unless otherwise noted. “802.11b” mode, circuit tuning/biasing optimized for “g” full rate signal.
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
ICC
Supply Current (POUT = 23dBm, 11Mbps
CCK signal)
1
240
280
305
mA
∆IccTEMP
Supply Current variation over temperature
from TA = 25°C (-40°C < TA < +85°C)
1
±10
%
Notes: (1) ICC refers to the total current into VCC0, VCC1, VCC2 and OUT/Vcc3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com