Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72311 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST72311
Description  8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST72311 Datasheet HTML 78Page - STMicroelectronics ST72311 Datasheet HTML 79Page - STMicroelectronics ST72311 Datasheet HTML 80Page - STMicroelectronics ST72311 Datasheet HTML 81Page - STMicroelectronics ST72311 Datasheet HTML 82Page - STMicroelectronics ST72311 Datasheet HTML 83Page - STMicroelectronics ST72311 Datasheet HTML 84Page - STMicroelectronics ST72311 Datasheet HTML 85Page - STMicroelectronics ST72311 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
82/94
ST72311
6.5 PERIPHERAL CHARACTERISTICS
Notes:
1. The safe reset cannot be guaranted by the LVD when fosc is greater than 8MHz.
2. Based on characterisation results, not tested.
(TA = -40°C to +85°C and VDD = 5V±10% unless otherwise specified )
Note: Noise at VDDA, VSSA <10mV, VDD - 0.3 V ≤ VDDA ≤ VDD, VSS ≤ VSSA ≤ VSS + 0.3 V
Figure 43. ADC Conversion characteristics
Low Voltage Detection Reset Electrical Specifications (Option)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VLVDUP
LVD Reset Trigger, VDD rising edge
fOSC = 8 MHz max
1).
4.1
V
VLVDDOWN
LVD Reset Trigger, VDD falling edge
3.35
3.85
V
VLVDHYS
LVD Reset Trigger, hysteresis2)
250
mV
Analog to Digital Converter Electrical Specifications
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Res
Resolution
8
Bit
DLE
ILE
Differential linearity error
Integral linearity error
fOSC = 4 to 16 MHz
±0.3
±0.5
±1
LSB
tC
Conversion Time
fOSC = 16 MHz
8
µs
(2)
(1)
(3)
(4)
(5)
VR02133A
Offset Error OSE
Offset Error OSE
Gain Error GE
1 LSB (ideal)
1LSB
ideal
V
refP
V
refM
–
256
----------------------------------------
=
Vin(A) (LSBideal)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) Differential non-linearity error (DLE)
(4) Integral non-linearity error (ILE)
(5) Center of a step of the actual transfer curve
code
out
255
254
253
252
251
250
5
4
3
2
1
0
7
6
1
2
3
4
5
6
7
250 251 252 253 254 255 256
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com