Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72311 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST72311
Description  8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST72311 Datasheet HTML 8Page - STMicroelectronics ST72311 Datasheet HTML 9Page - STMicroelectronics ST72311 Datasheet HTML 10Page - STMicroelectronics ST72311 Datasheet HTML 11Page - STMicroelectronics ST72311 Datasheet HTML 12Page - STMicroelectronics ST72311 Datasheet HTML 13Page - STMicroelectronics ST72311 Datasheet HTML 14Page - STMicroelectronics ST72311 Datasheet HTML 15Page - STMicroelectronics ST72311 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
12/94
ST72311
1.4 OPTION BYTE
The user has the option to select software watch-
dog or hardware watchdog (see description in the
Watchdog chapter). When programming EPROM
or OTP devices, this option is selected in a menu
by the user of the EPROM programmer before
burning the EPROM/OTP. The Option Byte is lo-
cated in a non-user map. No address has to be
specified. The Option Byte is at FFh after UV eras-
ure and must be properly programmed to set de-
sired options.
For ROM devices, the option (software or hard-
ware watchdog) must be specified in the option list
provided to STMicroelectronics with the ROM
code (see ordering information). The Option Byte
is hardware programmed as the ROM content.
b7-4 = Not Used
b3 = Reserved, must be cleared to 0
b2 = Reserved, must be set to 1 on ST72311N de-
vices and must be cleared to 0 on ST72311J de-
vices.
b1 = Not Used
b0 = WDG Watchdog disable
If set to 1 the Watchdog is not enabled after reset
(Software Watchdog).
If set to 0 the Watchdog is enabled after reset
(Hardware Watchdog).
70
-
-
-
-
b3
b2
-
WDG
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com