Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72311 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST72311
Description  8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST72311 Datasheet HTML 24Page - STMicroelectronics ST72311 Datasheet HTML 25Page - STMicroelectronics ST72311 Datasheet HTML 26Page - STMicroelectronics ST72311 Datasheet HTML 27Page - STMicroelectronics ST72311 Datasheet HTML 28Page - STMicroelectronics ST72311 Datasheet HTML 29Page - STMicroelectronics ST72311 Datasheet HTML 30Page - STMicroelectronics ST72311 Datasheet HTML 31Page - STMicroelectronics ST72311 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
28/94
ST72311
I/O PORTS (Cont’d)
Table 11. Port Configuration
Notes:
1. ST72311N only
2. For OTP/EPROM version, when OR=0: floating & when OR=1: reserved
3. For OTP/EPROM version, when OR=0: open-drain, high sink capability & when OR=1: reserved
* Reset state (The bits corresponding to unavailable pins are forced to 1 by hardware, this affects the reset status value).
Warning: All bits of the DDR register which correspond to unconnected I/Os must be left at their reset val-
ue. They must not be modified by the user otherwise a spurious interrupt may be generated.
Port
Pin name
Input (DDR = 0)
Output (DDR = 1)
OR = 0
OR = 1
OR = 0
OR =1
Port A
PA0:PA2 1)
floating*
pull-up with interrupt
open-drain
push-pull
PA3
floating*
pull-up with interrupt
open-drain
push-pull
PA4:PA7
floating*
true open drain, high sink capability
Port B
PB0:PB4
floating*
pull-up with interrupt
open-drain
push-pull
PB5:PB7 1)
floating*
pull-up with interrupt
open-drain
push-pull
Port C
PC0:PC7
floating*
pull-up
open-drain
push-pull
Port D
PD0:PD5
floating*
pull-up
open-drain
push-pull
PD6:PD7 1)
floating*
pull-up
open-drain
push-pull
Port E
PE0:PE1
floating*
pull-up
open-drain
push-pull
PE4:PE7 1)
floating*2)
true open drain,
high sink capability3)
Port F
PF0:PF2
floating*
pull-up with interrupt
open-drain
push-pull
PF4, PF6, PF7
floating*
pull-up
open-drain
push-pull
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com