Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72311 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST72311
Description  8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST72311 Datasheet HTML 17Page - STMicroelectronics ST72311 Datasheet HTML 18Page - STMicroelectronics ST72311 Datasheet HTML 19Page - STMicroelectronics ST72311 Datasheet HTML 20Page - STMicroelectronics ST72311 Datasheet HTML 21Page - STMicroelectronics ST72311 Datasheet HTML 22Page - STMicroelectronics ST72311 Datasheet HTML 23Page - STMicroelectronics ST72311 Datasheet HTML 24Page - STMicroelectronics ST72311 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
21/94
ST72311
Table 6. Interrupt Mapping
Source
Block
Description
Register
Label
Flag
Exit
from
HALT
Vector
Address
Priority
Order
RESET
Reset
N/A
N/A
yes
FFFEh-FFFFh
TRAP
Software
N/A
N/A
no
FFFCh-FFFDh
NOT USED
FFFAh-FFFBh
NOT USED
FFF8h-FFF9h
EI0
Ext. Interrupt (Ports PA0:PA3)
N/A
N/A
yes
FFF6h-FFF7h
EI1
Ext. Interrupt (Ports PF0:PF2)
N/A
N/A
FFF4h-FFF5h
EI2
Ext. Interrupt (Ports PB0:PB3)
N/A
N/A
FFF2h-FFF3h
EI3
Ext. Interrupt (Ports PB4:PB7)
N/A
N/A
FFF0h-FFF1h
NOT USED
FFEEh-FFEFh
SPI
Transfer Complete
SPISR
SPIF
no
FFECh-FFEDh
Mode Fault
MODF
TIMER A
Input Capture 1
TASR
ICF1_A
FFEAh-FFEBh
Output Compare 1
OCF1_A
Input Capture 2
ICF2_A
Output Compare 2
OCF2_A
Timer Overflow
TOF_A
TIMER B
Input Capture 1
TBSR
ICF1_B
FFE8h-FFE9h
Output Compare 1
OCF1_B
Input Capture 2
ICF2_B
Output Compare 2
OCF2_B
Timer Overflow
TOF_B
SCI
Transmit Buffer Empty
SCISR
TDRE
FFE6h-FFE7h
Transmit Complete
TC
Receive Buffer Full
RDRF
Idle Line Detect
IDLE
Overrun
OR
NOT USED
FFE4h-FFE5h
NOT USED
FFE2h-FFE3h
NOT USED
FFE0h-FFE1h
Highest
Priority
Priority
Lowest
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com