Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1101 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 12Page - Texas Instruments TMCS1101 Datasheet HTML 13Page - Texas Instruments TMCS1101 Datasheet HTML 14Page - Texas Instruments TMCS1101 Datasheet HTML 15Page - Texas Instruments TMCS1101 Datasheet HTML 16Page - Texas Instruments TMCS1101 Datasheet HTML 17Page - Texas Instruments TMCS1101 Datasheet HTML 18Page - Texas Instruments TMCS1101 Datasheet HTML 19Page - Texas Instruments TMCS1101 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Input Current (A)
-25 -20 -15 -10 -5
0
5
10 15 20 25 30 35 40 45
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D003
TMCS1101AxU
TMCS1101AxB
Time (Ps)
0
5
10
15
20
0
5
10
15
20
25
30
6
5
4
3
2
1
0
D013
16
TMCS1101
SBOS825 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
The output value is effectively an average over the sampling window; therefore, a large-enough current transient
can drive the output voltage to the full range in the first sample response. This condition is likely to be true in the
case of a short-circuit or fault event. Figure 8 shows an input-current step of 100 A, and the output response of
an TMCS1101A3B. In the case of Vout1, the event occurs near the beginning of a sampling window, and so the
output transitions to full scale in the first integrator output sample. In the case of Vout2, the event occurs near the
end of an integration cycle, so there are two distinct output transitions. The relative timing and size of the input
current transition determines whether the output transitions to full scale in a single cycle. In either case, the total
response time is approximately one integration period.
Figure 8. Transient Response to a Large Input Current Step
9.3.4 Internal Reference Voltage
The device has an internal resistor divider from the analog supply VS that determines the zero-current output
voltage, VOUT,0A. This zero-current output level along with sensitivity determine the measurable input current
range of the device, and allows for unidirectional or bidirectional sensing, as described in Absolute Maximum
Ratings. The TMCS1101AxB variants have a zero-current output set by Equation 12, while the TMCS1101AxU
devices have a zero-current output voltage set by Equation 13.
VOUT,0A = VS × 0.5
(12)
VOUT,0A = VS × 0.1
(13)
These respective reference voltages enable a bidirectional measurable current range for the AxB devices and a
unidirectional measurement range for the AxU devices, as shown in Figure 9.
Figure 9. Output Voltage Relationship to Input Current for TMCS1101A2B and TMCS1101A2U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com