Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1101 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 17Page - Texas Instruments TMCS1101 Datasheet HTML 18Page - Texas Instruments TMCS1101 Datasheet HTML 19Page - Texas Instruments TMCS1101 Datasheet HTML 20Page - Texas Instruments TMCS1101 Datasheet HTML 21Page - Texas Instruments TMCS1101 Datasheet HTML 22Page - Texas Instruments TMCS1101 Datasheet HTML 23Page - Texas Instruments TMCS1101 Datasheet HTML 24Page - Texas Instruments TMCS1101 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
OS
EXT
2
2
2
2
RSS
I
PSRR
CMRR
B
S
NL
e
(%)
e
e
e
e
e
e
OS
EXT
worst
I
PSRR
CMRR
B
S
NL
e
(%)
e
e
e
e
e
e
EXT
EXT
B
IN
B
G
e
(%)
I
CM
CMRR
IN
CMRR * V
e
(%)
I
OS
OS
I
IN
I
e
(%)
I
21
TMCS1101
www.ti.com
SBOS825 – SEPTEMBER 2019
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
10.1.1.1 Room Temperature Error Calculations
For room-temperature total-error calculations, specifications across temperature and drift are ignored. As an
example, consider a TMCS1101A2B with a supply voltage (VS) of 3.3 V and a worst-case common-mode
excursion of 600 V to calculate operating-point-specific parameters. Consider a measurement error due to an
external magnetic field of 30 µT, roughly the Earth's magnetic field strength. The full-scale current range of the
device in specified conditions is slightly greater than 15 A; therefore, calculate error at both 15 A and 7.5 A to
highlight error dependence on the input-current level. Table 1 shows the individual error components, and the
worst-case and RSS total error calculations at room temperature under the conditions specified. Relative to other
errors, the additional error from CMRR and PSRR are negligible, and can typically be ignored for total error
calculations.
Table 1. Total Error Calculation: Room Temperature Example
ERROR
COMPONENT
SYMBOL
EQUATION
% TOTAL ERROR
AT IIN = 15 A
% TOTAL ERROR
AT IIN = 7.5 A
Input offset error
eIos
0.5%
1.0%
CMRR error
eCMRR
0.00%
0.01%
External Field error
eBext
0.17%
0.33%
Sensitivity error
eS
Specified in Electrical Characteristics
0.5%
0.5%
Nonlinearity error
eNL
Specified in Electrical Characteristics
0.1%
0.1%
Worst-case total error
eworst
1.3%
2%
RSS total error
eRSS
0.74%
1.19%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com