Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1101 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 2Page - Texas Instruments TMCS1101 Datasheet HTML 3Page - Texas Instruments TMCS1101 Datasheet HTML 4Page - Texas Instruments TMCS1101 Datasheet HTML 5Page - Texas Instruments TMCS1101 Datasheet HTML 6Page - Texas Instruments TMCS1101 Datasheet HTML 7Page - Texas Instruments TMCS1101 Datasheet HTML 8Page - Texas Instruments TMCS1101 Datasheet HTML 9Page - Texas Instruments TMCS1101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
TMCS1101
SBOS825 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
RTI = referred-to-input. Output voltage is divided by device sensitivity to refer signal to input current. See the Parameter Measurement
Information section.
7.6 Electrical Characteristics
at TA = 25°C, VS = 5 V,
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Sensitivity
TMCS1101A1B
50
mV/A
TMCS1101A2B
100
mV/A
TMCS1101A3B
200
mV/A
TMCS1101A4B
400
mV/A
TMCS1101A1U
50
mV/A
TMCS1101A2U
100
mV/A
TMCS1101A3U
200
mV/A
TMCS1101A4U
400
mV/A
Sensitivity error
0.05 V
≤ VOUT ≤ VS – 0.2 V
±0.15%
±0.5%
Sensitivity error
0.05 V
≤ VOUT ≤ VS – 0.2 V, TA= –40ºC to
+125ºC
±0.3%
±0.8%
Sensitivity error drift
0.05 V
≤ VOUT ≤ VS – 0.2 V
±20
±30
ppm/°C
VOE
Output voltage offset error
TMCS1101A1B
±1.6
±5
mV
TMCS1101A2B
±1.8
±7.5
mV
TMCS1101A3B
±1.8
±10
mV
TMCS1101A4B
±3
±18
mV
TMCS1101A1U
±1
±5
mV
TMCS1101A2U
±1
±6
mV
TMCS1101A3U
±2.6
±9
mV
TMCS1101A4U
±11
±25
mV
Output voltage offset error
TMCS1101A1B, TA= –40ºC to +125ºC
±2.2
±7.25
mV
TMCS1101A2B, TA= –40ºC to +125ºC
±2.5
±9
mV
TMCS1101A3B, TA= –40ºC to +125ºC
±3
±14
mV
TMCS1101A4B, TA= –40ºC to +125ºC
±5
±23
mV
TMCS1101A1U, TA= –40ºC to +125ºC
±1.2
±7.25
mV
TMCS1101A2U, TA= –40ºC to +125ºC
±1.2
±9
mV
TMCS1101A3U, TA= –40ºC to +125ºC
±6.4
±14
mV
TMCS1101A4U, TA= –40ºC to +125ºC
±14
±33
mV
IOS
Offset error, RTI(1)
TMCS1101A1B
±32
±100
mA
TMCS1101A2B
±18
±75
mA
TMCS1101A3B
±9
±50
mA
TMCS1101A4B
±7.5
±45
mA
TMCS1101A1U
±20
±100
mA
TMCS1101A2U
±10
±60
mA
TMCS1101A3U
±13
±45
mA
TMCS1101A4U,
±27.5
±62.5
mA
Offset error, RTI(1)
TMCS1101A1B, TA= –40ºC to +125ºC
±44
±145
mA
TMCS1101A2B, TA= –40ºC to +125ºC
±25
±90
mA
TMCS1101A3B, TA= –40ºC to +125ºC
±15
±70
mA
TMCS1101A4B, TA= –40ºC to +125ºC
±12.5
±57.5
mA
TMCS1101A1U, TA= –40ºC to +125ºC
±24
±145
mA
TMCS1101A2U, TA= –40ºC to +125ºC
±12
±90
mA
TMCS1101A3U, TA= –40ºC to +125ºC
±32
±70
mA
TMCS1101A4U, TA= –40ºC to +125ºC
±35
±82.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com