Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1101 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 1 Page - Texas Instruments

  TMCS1101 Datasheet HTML 1Page - Texas Instruments TMCS1101 Datasheet HTML 2Page - Texas Instruments TMCS1101 Datasheet HTML 3Page - Texas Instruments TMCS1101 Datasheet HTML 4Page - Texas Instruments TMCS1101 Datasheet HTML 5Page - Texas Instruments TMCS1101 Datasheet HTML 6Page - Texas Instruments TMCS1101 Datasheet HTML 7Page - Texas Instruments TMCS1101 Datasheet HTML 8Page - Texas Instruments TMCS1101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMCS1101
SBOS825 – SEPTEMBER 2019
TMCS1101 Precision, Isolated Current Sensor With Internal Reference
1
1 Features
1
•
Total error current sensing: < 1.5%
–
Sensitivity error: ±0.3%, –40ºC to +125ºC
–
Offset error: ±12.5 mA, –40ºC to +125ºC
–
Offset current drift: 0.02 mA/°C
–
Linearity over temperature: 0.1% typ
•
UL1577, VDE 0884-11, 60950 certifications
planned
–
600-VDC/VPK working isolation
–
3-kVRMS withstand isolation
•
Bidirectional and unidirectional linear current
sensing
•
Zero drift internal reference
•
Operating supply range: 3 V to 5.5 V
•
Signal bandwidth: 80-kHz
•
Multiple sensitivity options:
–
TMCS1101A1U/B: 50 mV/A
–
TMCS1101A2U/B: 100 mV/A
–
TMCS1101A3U/B: 200 mV/A
–
TMCS1101A4U/B: 400 mV/A
2 Applications
•
Motor and load control
•
Inverter and H-bridge current measurements
•
Power factor correction
•
Overcurrent protection
•
DC and ac power monitoring
3 Description
The TMCS1101 is a galvanically isolated Hall-effect
current
sensor
capable
of
dc
or
ac
current
measurement with high accuracy, excellent linearity,
and temperature stability. A low-drift, temperature-
compensated signal chain provides < 1.5% full-scale
error across the entire device temperature range.
The input current flows through an internal 1.8-mΩ
conductor that generates a magnetic field measured
by an integrated Hall-effect sensor. This structure
eliminates external concentrators and simplifies PCB
design. Low conductor resistance minimizes power
loss
and
thermal
dissipation.
Inherent
galvanic
insulation provides a 600-V basic working isolation
and 3-kV dielectric withstand isolation between the
current
path
and
circuitry.
Integrated
electrical
shielding enables excellent common-mode rejection
and transient immunity protection.
The output voltage is proportional to the input current
with four sensitivity options. Fixed sensitivity allows
the TMCS1101 to operate from a single 3-V to 5.5-V
power supply, eliminates ratiometry errors, and
improves supply noise rejection. The current polarity
is considered positive when flowing into the positive
input pin. Both unidirectional and bidirectional sensing
variants are available.
The TMCS1101 draws a maximum supply current of
5 mA, and all sensitivity options are specified over the
operating temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMCS1101
SOIC (8)
4.90 mm x 3.90 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application


Similar Part No. - TMCS1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMCS1101 TI1-TMCS1101 Datasheet
1Mb / 48P
TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101 TI-TMCS1101 Datasheet
2Mb / 47P
TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101A1B TI1-TMCS1101A1B Datasheet
1Mb / 48P
TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101A1BQDR TI1-TMCS1101A1BQDR Datasheet
1Mb / 48P
TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
More results

Similar Description - TMCS1101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Texas Instruments
DAC7562T TI1-DAC7562T Datasheet
1Mb / 60P
Internal Reference
TMCS1100 TI1-TMCS1100 Datasheet
1,005Kb / 35P
TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1101 TI1-TMCS1101_V01 Datasheet
1Mb / 48P
TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com