Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7183ABST Datasheet(PDF) 63 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 63 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 59Page - Analog Devices ADV7183ABST Datasheet HTML 60Page - Analog Devices ADV7183ABST Datasheet HTML 61Page - Analog Devices ADV7183ABST Datasheet HTML 62Page - Analog Devices ADV7183ABST Datasheet HTML 63Page - Analog Devices ADV7183ABST Datasheet HTML 64Page - Analog Devices ADV7183ABST Datasheet HTML 65Page - Analog Devices ADV7183ABST Datasheet HTML 66Page - Analog Devices ADV7183ABST Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
ADV7183A
Rev. A | Page 63 of 104
PIXEL PORT CONFIGURATION
The ADV7183A has a very flexible pixel port that can be
config-ured in a variety of formats to accommodate
downstream ICs. Table 168 and Table 169 summarize the
various functions that the ADV7183A’s pins can have in
different modes of operation.
The ordering of components (e.g., Cr versus Cb, CHA/B/C) can
be changed. Refer to the SWPC Swap Pixel Cr/Cb (SDP),
Address 0x27, [7] section. Table 168 indicates the default
positions for the Cr/Cb components.
OF_SEL[3:0] Output Format Selection, Address 0x03, [5:2]
There are several modes in which the ADV7183A pixel port can
be configured. These modes are under the control of
OF_SEL[3:0]. See Table 169 for details.
The default LLC frequency output on the LLC1 pin is approxi-
mately 27 MHz. For modes that operate with a nominal data
rate of 13.5 MHz (0001, 0010), the clock frequency on the LLC1
pin stays at the higher rate of 27 MHz. For information on
outputting the nominal 13.5 MHz clock on the LLC1 pin, see
the LLC1 Output Selection, LLC_PAD_SEL[2:0] (SDP),
Address 0x8F, [6:4] section.
SWPC Swap Pixel Cr/Cb (SDP), Address 0x27, [7]
This bit allows Cr and Cb samples of the SDP block to be
swapped.
Table 166. SWPC Function
SWPC
Description
0*
No swapping.
1
Swap Cr and Cb values.
*Default value.
LLC1 Output Selection, LLC_PAD_SEL[2:0] (SDP),
Address 0x8F, [6:4]
The following I2C write allows the user to select between the
LLC1 (nominally at 27 MHz) and LLC2 (nominally at
13.5 MHz).
The LLC2 signal is useful for LLC2 compatible wide bus
(16-bit) output modes. See OF_SEL[3:0] Output Format
Selection, Address 0x03, [5:2] for additional information. The
LLC2 signal and data on the data bus are synchronized. By
default, the rising edge of LLC1/LLC2 is aligned with the Y data;
the falling edge occurs when the data bus holds C data. The
polarity of the clock, and therefore the Y/C assignments to the
clock edges, can be altered by using the Polarity LLC pin.
Table 167. LLC_PAD_SEL Function
LLC_PAD_SEL[2:0]
Description
000*
Output nominal 27 MHz LLC on LLC1 pin
101
Output nominal 13.5 MHz LLC on LLC1 pin
*Default value.
Table 168. P15–P0 Output/Input Pin Mapping
Data Port Pins P[15:0]
Processor, Format, and Mode
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SDP
Video Out, 8-Bit, 4:2:2
YCrCb[7:0]OUT
SDP
Video Out, 16-Bit, 4:2:2
Y[7:0]OUT
CrCb[7:0] OUT
Table 169. Standard Definition Pixel Port Modes
P[15: 0]
OF_SEL[3:0]
Format
P[15:8]
P[7: 0]
0010
16-Bit @LLC2 4:2:2
Y[7:0]
CrCb[7:0]
0011*
8-Bit @LLC1 4:2:2
YCrCb[7:0]
Three-State
0110-1111
Reserved
Reserved. Do not use.
*Default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com