Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7183ABST Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 15Page - Analog Devices ADV7183ABST Datasheet HTML 16Page - Analog Devices ADV7183ABST Datasheet HTML 17Page - Analog Devices ADV7183ABST Datasheet HTML 18Page - Analog Devices ADV7183ABST Datasheet HTML 19Page - Analog Devices ADV7183ABST Datasheet HTML 20Page - Analog Devices ADV7183ABST Datasheet HTML 21Page - Analog Devices ADV7183ABST Datasheet HTML 22Page - Analog Devices ADV7183ABST Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
ADV7183A
Rev. A | Page 19 of 104
GLOBAL STATUS REGISTERS
There are four registers that provide summary information
about the video decoder. The IDENT register allows the user to
identify the revision code of the ADV7183A. The other three
registers contain status bits from the SDP.
IDENTIFICATION
IDENT[7:0] Address 0x11, [7:0]
Provides identification of the revision of the ADV7183A. Please
review the list of IDENT code readback values for the various
versions shown in Table 25.
Table 25. IDENT Function
IDENT[7:0]
Description
0x0D
ADV7183A-ES1
0x0E
ADV7183A-ES2
0x0F or 0x10
ADV7183A-FT
0x11
ADV7183A (Version 2)
STATUS 1
STATUS_1[7:0] Address 0x10, [7:0]
This read-only register provides information about the internal
status of the ADV7183A.
Please see CIL[2:0] Count Into Lock (SDP), Address 0x51, [2:0]
and COL[2:0] Count Out of Lock (SDP), Address 0x51, [5:3] for
information on the timing.
Depending on the setting of the FSCLE bit, the Status[0] and
Status[1] are based solely on horizontal timing info or on the
horizontal timing and lock status of the color subcarrier. See the
FSCLE Fsc Lock Enable (SDP), Address 0x51, [7] section.
SDP Autodetection Result
AD_RESULT[2:0] Address 0x10, [6:4]
The AD_RESULT[2:0] bits report back on the findings from the
SDP autodetection block. Consult the SDP General Setup sec-
tion for more information on enabling the autodetection block,
and the Autodetection of SDP Modes section to find out how to
configure it.
Table 26. AD_RESULT Function
AD_RESULT[2:0]
Description
000
NTSM-MJ
001
NTSC-443
010
PAL-M
011
PAL-60
100
PAL-BGHID
101
SECAM
110
PAL-Combination N
111
SECAM 525
Table 27. STATUS 1 Function
STATUS 1 [7:0]
Bit Name
Block
Description
0
IN_LOCK
SDP
In lock (right now).
1
LOST_LOCK
SDP
Lost lock (since last read of this register).
2
FSC_LOCK
SDP
Fsc locked (right now).
3
FOLLOW_PW
SDP
AGC follows peak white algorithm.
4
AD_RESULT.0
SDP
Result of SDP autodetection.
5
AD_RESULT.1
SDP
Result of SDP autodetection.
6
AD_RESULT.2
SDP
Result of SDP autodetection.
7
COL_KILL
SDP
Color kill active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com