Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7183ABST Datasheet(PDF) 64 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 64 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 60Page - Analog Devices ADV7183ABST Datasheet HTML 61Page - Analog Devices ADV7183ABST Datasheet HTML 62Page - Analog Devices ADV7183ABST Datasheet HTML 63Page - Analog Devices ADV7183ABST Datasheet HTML 64Page - Analog Devices ADV7183ABST Datasheet HTML 65Page - Analog Devices ADV7183ABST Datasheet HTML 66Page - Analog Devices ADV7183ABST Datasheet HTML 67Page - Analog Devices ADV7183ABST Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
ADV7183A
Rev. A | Page 64 of 104
MPU PORT DESCRIPTION
The ADV7183A supports a 2-wire (I2C compatible) serial inter-
face. Four inputs, serial data (SDA1 and SDA2) and serial clock
(SCLK1 and SCLK2), carry information between the
ADV7183A and the system I2C master controller. Each slave
device is recognized by a unique address. The ADV7183A has
two ports: the control port, which allows the user to set up and
configure the decoder; and the VBI data readback port, which
allows the user to read back captured VBI data. Both the control
and VBI ports have four possible slave addresses for both read
and write operations, depending on the logic level on the ALSB
pin. These four unique addresses are shown in Table 170. The
ADV7183A’s ALSB pin controls Bit 1 of the slave address. By
altering the ALSB, it is possible to control two ADV7183As in
an application without having a conflict with the same slave
address. The LSB (Bit 0) sets either a read or write operation.
Logic 1 corresponds to a read operation; Logic 0 corresponds to
a write operation.
Table 170. I2C Address for ADV7183A
ALSB
R/W
Slave Address
Control Port
Slave Address
VBI Port
0
0
0x40
0x20
0
1
0x41
0x21
1
0
0x42
0x22
1
1
0x43
0x23
To control the device on the bus, a specific protocol must be
followed. First, the master initiates a data transfer by establish-
ing a Start condition, which is defined by a high-to-low
transition on SDA1/SDA2 while SCLK1/SCLK2 remains high.
This indicates that an address/data stream will follow. All per-
ipherals respond to the Start condition and shift the next eight
bits (7-bit address + R/W bit). The bits are transferred from
MSB down to LSB. The peripheral that recognizes the trans-
mitted address responds by pulling the data line low during the
ninth clock pulse; this is known as an acknowledge bit. All other
devices withdraw from the bus at this point and maintain an
idle condition. The idle condition is where the device monitors
the SDA1/SDA2 and SCLK1/SCLK2 lines, waiting for the Start
condition and the correct transmitted address. The R/W bit
determines the direction of the data. Logic 0 on the LSB of the
first byte means the master will write information to the
peripheral. Logic 1 on the LSB of the first byte means the master
will read information from the peripheral.
The ADV7183A acts as a standard slave device on the bus. The
data on the SDA pin is eight bits long, supporting the 7-bit
addresses plus the R/W bit. The ADV7183A has 196 subad-
dresses to enable access to the internal registers. It therefore
interprets the first byte as the device address and the second
byte as the starting subaddress. The subaddresses auto-
increment, allowing data to be written to or read from the
starting subaddress. A data transfer is always terminated by a
Stop condition. The user can also access any unique subaddress
register on a one-by-one basis without updating all the registers.
Stop and Start conditions can be detected at any stage during
the data transfer. If these conditions are asserted out of
sequence with normal read and write operations, they cause an
immediate jump to the idle condition. During a given SCLK
high period, the user should only issue one Start condition, one
Stop condition, or a single Stop condition followed by a single
Start condition. If an invalid subaddress is issued by the user,
the ADV7183A will not issue an acknowledge and will return to
the idle condition.
If in auto-increment mode the user exceeds the highest
subaddress, the following action is taken:
1.
In read mode, the highest subaddress register contents
continue to be output until the master device issues a no-
acknowledge. This indicates the end of a read. A no-
acknowledge condition is where the SDA line is not pulled
low on the ninth pulse.
2.
In write mode, the data for the invalid byte is not loaded
into any subaddress register, a no acknowledge is issued by
the ADV7183A, and the part returns to the idle condition.
SDATA
SCLOCK
START ADDR
ACK
ACK
DATA
ACK
STOP
SUBADDRESS
1–7
1–7
8
9
8
9
1–7
8
9
S
P
R/W
Figure 36. Bus Data Transfer
S
WRITE
SEQUENCE
SLAVE ADDR
A(S)
SUB ADDR
A(S)
DATA
A(S)
DATA
A(S)
P
S
READ
SEQUENCE
SLAVE ADDR
SLAVE ADDR
A(S)
SUB ADDR
A(S) S
A(S)
DATA
A(M)
DATA
A(M) P
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A(S) = NO-ACKNOWLEDGE BY SLAVE
A(M) = NO-ACKNOWLEDGE BY MASTER
LSB = 1
LSB = 0
Figure 37: Read and Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com