Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7183ABST Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 8Page - Analog Devices ADV7183ABST Datasheet HTML 9Page - Analog Devices ADV7183ABST Datasheet HTML 10Page - Analog Devices ADV7183ABST Datasheet HTML 11Page - Analog Devices ADV7183ABST Datasheet HTML 12Page - Analog Devices ADV7183ABST Datasheet HTML 13Page - Analog Devices ADV7183ABST Datasheet HTML 14Page - Analog Devices ADV7183ABST Datasheet HTML 15Page - Analog Devices ADV7183ABST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
ADV7183A
Rev. A | Page 12 of 104
Pin No.
Mnemonic
Type
Function
29
XTAL
I
This is the input pin for the 27 MHz crystal, or can be overdriven by an external 3.3 V,
27 MHz clock oscillator source. In crystal mode, the crystal must be a fundamental crystal.
28
XTAL1
O
This pin should be connected to the 27 MHz crystal or left as a no connect if an external
3.3 V, 27 MHz clock oscillator source is used to clock the ADV7183A. In crystal mode, the
crystal must be a fundamental crystal.
36
PWRDN
I
A logic low on this pin places the ADV7183A in a power-down mode. Refer to the I2C
Control Register Map for more options on power-down modes for the ADV7183A.
79
OE
I
When set to a logic low, OE enables the pixel output bus, P15–P0 of the ADV7183A. A logic
high on the OE pin places Pins P15–P0, HS, VS, SFL/SYNC_OUT into a high impedance state.
37
ELPF
I
The recommended external loop filter must be connected to this ELPF pin, as shown in
Figure 42.
12
SFL
O
Subcarrier Frequency Lock. This pin contains a serial output stream that can be used to lock
the subcarrier frequency when this decoder is connected to any Analog Devices, Inc. digital
video encoder.
51
REFOUT
O
Internal Voltage Reference Output. Refer to Figure 42 for a recommended capacitor
network for this pin.
52
CML
O
The CML pin is a common-mode level for the internal ADCs. Refer to Figure 42 for a
recommended capacitor network for this pin.
48, 49
CAPY1, CAPY2
I
ADC’s Capacitor Network. Refer to Figure 42 for a recommended capacitor network for
this pin.
54, 55
CAPC1, CAPC2
I
ADC’s Capacitor Network. Refer to Figure 42 for a recommended capacitor network for
this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com