Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM18HB331SN1 Datasheet(PDF) 14 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1
Description  On-Board Type (DC) EMI Suppression Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1 Datasheet(HTML) 14 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Part Number
No.
DC Resistance (
Ω) max.
Rated Current (mA)
Impedance typ.
(at 100MHz, 20 degree C)
Quantity (pcs.)
Chip EMI Suppression Filter Design Kits
1
Part Number
No.
BLM18AG121SN1
BLM18AG221SN1
BLM18AG471SN1
BLM18AG601SN1
BLM18AG102SN1
BLM18BA050SN1
BLM18BA100SN1
BLM18BA220SN1
BLM18BA470SN1
BLM18BA750SN1
BLM18BA121SN1
BLM18BB100SN1
BLM18BB220SN1
BLM18BB470SN1
BLM18BB600SN1
BLM18BB121SN1
BLM18BB221SN1
BLM18BB471SN1
BLM18BD121SN1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
DC Resistance (
Ω) max.
0.20
0.30
0.50
0.50
0.70
0.20
0.25
0.35
0.55
0.70
0.90
0.15
0.25
0.30
0.35
0.50
0.65
1.00
0.40
Rated Current (mA)
200
200
200
200
100
500
500
500
300
300
200
500
500
500
200
200
200
50
200
Impedance typ.
(at 100MHz, 20 degree C)
120
Ω±25%
220
Ω±25%
470
Ω±25%
600
Ω±25%
1000
Ω±25%
5
Ω±25%
10
Ω±25%
22
Ω±25%
47
Ω±25%
75
Ω±25%
120
Ω±25%
10
Ω±25%
22
Ω±25%
47
Ω±25%
60
Ω±25%
120
Ω±25%
220
Ω±25%
470
Ω±25%
120
Ω±25%
Quantity (pcs.)
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
oEKEMBL18A (Chip Ferrite Beads 0603 Size/ for Large-current P Type)
Continued on the following page.
BLM15AG100SN1
BLM15AG700SN1
BLM15AG121SN1
BLM15AG221SN1
BLM15AG601SN1
BLM15AG102SN1
BLM15BB050SN1
BLM15BB100SN1
BLM15BB220SN1
BLM15BB470SN1
BLM15BB750SN1
BLM15BB121SN1
BLM15BB221SN1
BLM15BD471SN1
BLM15BD601SN1
BLM15BD102SN1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
10
Ω (Typ.)
70
Ω (Typ.)
120
Ω±25%
220
Ω±25%
600
Ω±25%
1000
Ω±25%
5
Ω±25%
10
Ω±25%
22
Ω±25%
47
Ω±25%
75
Ω±25%
120
Ω±25%
220
Ω±25%
470
Ω±25%
600
Ω±25%
1000
Ω±25%
1000
500
500
300
300
200
500
300
300
300
300
300
200
200
200
200
0.05
0.15
0.25
0.35
0.60
1.00
0.08
0.10
0.20
0.35
0.40
0.55
0.80
0.60
0.65
0.90
oEKEMBL15C (Chip Ferrite Beads 0402 Size)
Chip EMI Suppression Filter Design Kits
168
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com