Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM18HB331SN1 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1
Description  On-Board Type (DC) EMI Suppression Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Chip EMI Suppression Filter Design Kits
3
Continued from the preceding page.
Part Number
No.
BLM21BD222TN1
BLM21BD272SN1
18
19
DC Resistance (
Ω) max.
0.60
0.80
Rated Current (mA)
200
200
Impedance typ.
(at 100MHz, 20 degree C)
2200
Ω±25%
2700
Ω±25%
Quantity (pcs.)
20
20
Continued on the following page.
Part Number
No.
Cut off Frequency
Rated Current
Rated Voltage
DC Resistance max.
Quantity (pcs.)
Insulation Resistance (M
Ω min.)
NFL18ST107X1C3
NFL18ST157X1C3
NFL18ST207X1C3
NFL18ST307X1C3
NFL18ST507X1C3
NFL18SP157X1A3
NFL18SP207X1A3
NFL18SP307X1A3
NFL18SP507X1A3
NFL21SP206X1C3
NFL21SP506X1C3
NFL21SP706X1C3
NFL21SP107X1C3
NFL21SP157X1C3
NFL21SP207X1C3
NFL21SP307X1C3
NFL21SP407X1C3
NFL21SP507X1C3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
100MHz
150MHz
200MHz
300MHz
500MHz
150MHz
200MHz
300MHz
500MHz
20MHz
50MHz
70MHz
100MHz
150MHz
200MHz
300MHz
400MHz
500MHz
16 V
16 V
16 V
16 V
16 V
10 V
10 V
10 V
10 V
16 V
16 V
16 V
16 V
16 V
16 V
16 V
16 V
16 V
100mA
100mA
150mA
200mA
200mA
100mA
100mA
100mA
100mA
100mA
150mA
150mA
200mA
200mA
250mA
300mA
300mA
300mA
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
4.5
Ω
4.0
Ω
3.5
Ω
1.8
Ω
1.5
Ω
3.0
Ω
3.0
Ω
3.0
Ω
2.0
Ω
8.5
Ω
3.5
Ω
3.0
Ω
2.0
Ω
2.0
Ω
1.5
Ω
1.2
Ω
1.2
Ω
1.2
Ω
Part Number
No.
Quantity
(pcs.)
Cut off
Frequency
Attenuation (dB min.)
10MHz 20MHz 50MHz 100MHz 150MHz 200MHz 300MHz 400MHz 500MHz
1GHz
Rated
Current
Rated
Voltage
NFW31SP106X1E4
NFW31SP206X1E4
NFW31SP506X1E4
NFW31SP107X1E4
NFW31SP157X1E4
NFW31SP207X1E4
NFW31SP307X1E4
NFW31SP407X1E4
NFW31SP507X1E4
19
20
21
22
23
24
25
26
27
20
20
20
20
20
20
20
20
20
10MHz
20MHz
50MHz
100MHz
150MHz
200MHz
300MHz
400MHz
500MHz
6dB max
-
-
-
-
-
-
-
-
5
6dB max
-
-
-
-
-
-
-
25
5
6dB max
-
-
-
-
-
-
25
25
10
6dB max
-
-
-
-
-
-
-
-
-
6dB max
-
-
-
-
25
25
30
5
-
6dB max
-
-
-
-
-
-
-
10
-
6dB max
-
-
-
-
-
-
20
-
-
6dB max
-
30
30
30
20
30
10
5
-
6dB max
30
30
30
30
30
30
15
10
10
200mA
200mA
200mA
200mA
200mA
200mA
200mA
200mA
200mA
25V
25V
25V
25V
25V
25V
25V
25V
25V
oEKEMFL18B (Chip EMIFIL LC Combined Type)
oEKEMFA31B (Chip EMIFIL Capacitor Array Type/ Capacitor Type/ LC Combined Type)
NFA31CC220S1E4
NFA31CC470S1E4
NFA31CC101S1E4
NFA31CC221S1E4
NFA31CC471R1E4
NFA31CC102R1E4
NFA31CC222R1E4
NFA31CC223R1C4
NFA31GD1006R84
NFA31GD1004704
NFA31GD1001014
NFA31GD4706R84
1
2
3
4
5
6
7
8
9
10
11
12
200mA
200mA
200mA
200mA
200mA
200mA
200mA
200mA
50mA
20mA
15mA
50mA
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
25 V
25 V
25 V
25 V
25 V
25 V
25 V
16 V
6 V
6 V
6 V
6 V
22pF
±20%
47pF
±20%
100pF
±20%
220pF
±20%
470pF
±20%
1000pF
±20%
2200pF
±20%
22000pF
±20%
10pF
±20%
10pF
±20%
10pF
±20%
47pF
±20%
20
20
20
20
20
20
20
20
20
20
20
20
Part Number
No.
Rated Current
Insulation Resistance (M
Ω min.)
Rated Voltage
Capacitance
Quantity (pcs.)
Chip EMI Suppression Filter Design Kits
170
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com