Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM18HB331SN1 Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1
Description  On-Board Type (DC) EMI Suppression Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1 Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Continued from the preceding page.
Chip EMI Suppression Filter Design Kits
oEKEMNFMCA
NFM18CC220U1C3
NFM18CC470U1C3
NFM18CC101R1C3
NFM18CC221R1C3
NFM18CC471R1C3
NFM18CC102R1C3
NFM18CC222R1C3
1
2
3
4
5
6
7
400mA
400mA
500mA
500mA
500mA
600mA
700mA
1000
1000
1000
1000
1000
1000
1000
16 V
16 V
16 V
16 V
16 V
16 V
16 V
22pF
±20%
47pF
±20%
100pF
±20%
220pF
±20%
470pF
±20%
1000pF
±20%
2200pF
±20%
20
20
20
20
20
20
20
Part Number
No.
Rated Current
Insulation Resistance (M
Ω min.)
Rated Voltage
Capacitance
Quantity (pcs.)
NFM18CC223R1C3
NFM21CC220U1H3
NFM21CC470U1H3
NFM21CC101U1H3
NFM21CC221R1H3
NFM21CC471R1H3
NFM21CC102R1H3
NFM21CC222R1H3
NFM21CC223R1H3
8
9
10
11
12
13
14
15
16
1000mA
700mA
700mA
700mA
700mA
1000mA
1000mA
1000mA
2000mA
1000
1000
1000
1000
1000
1000
1000
1000
1000
16 V
50 V
50 V
50 V
50 V
50 V
50 V
50 V
50 V
22000pF
±20%
22pF
±20%
47pF
±20%
100pF
±20%
220pF
±20%
470pF
±20%
1000pF
±20%
2200pF
±20%
22000pF
±20%
20
20
20
20
20
20
20
20
20
NFM21PC105B1C3
NFE31PT152Z1E9
NFE31PT222Z1E9
NFE61PT102E1H9
NFE61PT472C1H9
NFM41PC204F1H3
NFM41PC155B1E3
7
8
9
10
11
12
13
4A
6A
6A
2A
2A
2A
6A
500
1000
1000
1000
1000
1000
300
16 V
25 V
25 V
50 V
50 V
50 V
25 V
1
µF±20%
1500pF +50/-20%
2200pF
±50%
1000pF +80/-20%
4700pF +80/-20%
0.2
µF +80/-20%
1.5
µF±20%
20
20
20
20
20
20
20
Part Number
No.
Rated Current
Insulation Resistance (M
Ω min.)
Rated Voltage
Capacitance
Quantity (pcs.)
5
Chip EMI Suppression Filter Design Kits
172
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com