Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM18HB331SN1 Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1
Description  On-Board Type (DC) EMI Suppression Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1 Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Chip EMI Suppression Filter Design Kits
oEKEMFA31B (Chip EMIFIL Capacitor Array Type/ Capacitor Type/ LC Combined Type)
NFA31GD4704704
NFA31GD4701014
NFA31GD1016R84
NFA31GD1014704
NFA31GD1011014
13
14
15
16
17
20mA
15mA
50mA
20mA
15mA
1000
1000
1000
1000
1000
6 V
6 V
6 V
6 V
6 V
47pF
±20%
47pF
±20%
100pF
±20%
100pF
±20%
100pF
±20%
20
20
20
20
20
Part Number
No.
Rated Current
Insulation Resistance (M
Ω min.)
Rated Voltage
Capacitance
Quantity (pcs.)
Continued from the preceding page.
Part Number
No.
Rated Current
Insulation Resistance
(M
Ω min.)
Rated Voltage
Common Mode Impedance typ.
(at 100MHz, 20 degree C)
Quantity
(pcs.)
oEKEMDL21D (Chip Common Mode Choke Coils)
DLW21HN670SQ2
DLW21HN900SQ2
DLW21HN121SQ2
DLW21HN181SQ2
DLW21SN670SQ2
DLW21SN900SQ2
DLW21SN121SQ2
DLW21SN181SQ2
DLW21SN261SQ2
DLW21SN371SQ2
DLW31SN900SQ2
DLW31SN161SQ2
DLW31SN261SQ2
DLW31SN601SQ2
DLW31SN102SQ2
DLW31SN222SQ2
DLW5AHN402SQ2
DLW5BSN302SQ2
DLW5BSN152SQ2
DLW5BSN102SQ2
DLW5BSN351SQ2
DLW5BSN191SQ2
DLP11SN900SL2
DLP11SN121SL2
DLP11SN161SL2
DLP11SN201SL2
DLP31DN900ML4
DLP31DN131ML4
DLP31DN201ML4
DLP31DN321ML4
DLP31DN441ML4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
10
10
10
10
10
10
10
10
10
67
Ω (Typ.)
90
Ω (Typ.)
120
Ω (Typ.)
180
Ω (Typ.)
67
Ω (Typ.)
90
Ω (Typ.)
120
Ω (Typ.)
180
Ω (Typ.)
260
Ω (Typ.)
370
Ω (Typ.)
90
Ω (Typ.)
160
Ω (Typ.)
260
Ω (Typ.)
600
Ω (Typ.)
1000
Ω (Typ.)
2200
Ω (Typ.)
4000
Ω (Typ.)
3000
Ω (Typ.)
1500
Ω (Typ.)
1000
Ω (Typ.)
350
Ω (Typ.)
190
Ω (Typ.)
90
Ω (Typ.)
120
Ω (Typ.)
160
Ω (Typ.)
200
Ω (Typ.)
90
Ω±20%
130
Ω±20%
200
Ω±20%
320
Ω±20%
440
Ω±20%
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
50V
5V
5V
5V
5V
10V
10V
10V
10V
10V
330mA
330mA
280mA
250mA
400mA
330mA
370mA
330mA
300mA
280mA
370mA
340mA
310mA
260mA
230mA
200mA
200mA
500mA
1000mA
1500mA
2000mA
5000mA
160mA
140mA
120mA
130mA
160mA
120mA
100mA
80mA
70mA
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
100
100
100
100
100
100
100
100
100
oEKEMNFMPB
NFM18PC104R1C3
NFM18PC105R0J3
NFM21PC104R1E3
NFM21PC224R1C3
NFM21PC474R1C3
NFM21PC105B1A3
1
2
3
4
5
6
2A
2A
2A
2A
2A
4A
1000
500
1000
1000
1000
500
16 V
6.3 V
25 V
16 V
16 V
10 V
0.1
µF±20%
1
µF±20%
0.1
µF±20%
0.22
µF±20%
0.47
µF±20%
1
µF±20%
20
20
20
20
20
20
Part Number
No.
Rated Current
Insulation Resistance (M
Ω min.)
Rated Voltage
Capacitance
Quantity (pcs.)
4
Continued on the following page.
Chip EMI Suppression Filter Design Kits
171
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com