Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # LED
Description  LED Series Sealed Backlights
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LED Datasheet(HTML) 5 Page - Banner Engineering Corp.

  LED Datasheet HTML 1Page - Banner Engineering Corp. LED Datasheet HTML 2Page - Banner Engineering Corp. LED Datasheet HTML 3Page - Banner Engineering Corp. LED Datasheet HTML 4Page - Banner Engineering Corp. LED Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Accessories
Cordsets
5-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MQDC20-506
1.83 m (6 ft)
Straight
ø 15 [0.59"]
M12 x 1
42 Typ.
[1.65"]
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC20-515
4.57 m (15 ft)
MQDC20-530
9.14 m (30 ft)
5-Pin Threaded M12/Euro-Style Cordsets—Stainless Steel Nut
Model
Length
Style
Dimensions
Pinout (Female)
MQDC20SS-506
1.83 m (6 ft)
Straight
ø 15 [0.59"]
M12 x 1
42 Typ.
[1.65"]
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC20SS-515
4.57 m (15 ft)
MQDC20SS-530
9.14 m (30 ft)
Accessory Brackets
SMBBSSM
316 stainless steel bracket
and hardware
Includes 2 brackets; four
M5 socket drive, button
head screws to attach to
light
35
180
2X Ø5.5
2X Ø6.8
10.75
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or
replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not
cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO
BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES
RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT,
STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously
manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the
product is identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will
void the product warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at
any time. Specifications and product information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
For patent information, see
www.bannerengineering.com/patents.
LED Series Sealed Backlights
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com