Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LED
Description  LED Series Sealed Backlights
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LED Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LED Datasheet HTML 1Page - Banner Engineering Corp. LED Datasheet HTML 2Page - Banner Engineering Corp. LED Datasheet HTML 3Page - Banner Engineering Corp. LED Datasheet HTML 4Page - Banner Engineering Corp. LED Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
For use with any Vision System
Rugged, waterproof housing, rated IEC IP67
Mounts directly from the back or surface mount using available brackets
Smooth exterior for easy cleaning
Diffused backlights for any Vision System
Continuous or strobed operation is selectable via sensor software
Solid-state LED matrix, in four sizes
Available in four visible colors plus infrared
Extremely bright light
Completely non-corrosive
Extremely even intensity edge-to-edge
M12 connector
Models
Models
LED Color
Wavelength
Lighted Area
LEDIB75X150PW2-XQ
Infrared
850 nm
75 mm x 150 mm (2.95 in x 5.91 in)
LEDRB75X150PW2-XQ
Visible Red
633 nm
LEDBB75X150PW2-XQ
Blue
469 nm
LEDGB75X150PW2-XQ
Green
525 nm
LEDWB75X150PW2-XQ
White
6500 K
LEDIB150X150PW2-XQ
Infrared
850 nm
150 mm x 150 mm (5.91 in x 5.91 in)
LEDRB150X150PW2-XQ
Visible Red
633 nm
LEDBB150X150PW2-XQ
Blue
469 nm
LEDGB150X150PW2-XQ
Green
525 nm
LEDWB150X150PW2-XQ
White
6500 K
LEDIB225X150PW2-XQ
Infrared
850 nm
225 mm x 150 mm (8.86 in x 5.91 in)
LEDRB225X150PW2-XQ
Visible Red
633 nm
LEDBB225X150PW2-XQ
Blue
469 nm
LEDGB225X150PW2-XQ
Green
525 nm
LEDWB225X150PW2-XQ
White
6500 K
LEDIB300X150PW2-XQ
Infrared
850 nm
300 mm x 150 mm (11.81 in x 5.91 in)
LEDRB300X150PW2-XQ
Visible Red
633 nm
LEDBB300X150PW2-XQ
Blue
469 nm
LEDGB300X150PW2-XQ
Green
525 nm
LEDWB300X150PW2-XQ
White
6500 K
LED Series Sealed Backlights
Original Document
149837 Rev. F
14 March 2019
149837


Similar Part No. - LED

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LED CITIZEN-LED Datasheet
65Kb / 2P
Driving LEDs
logo
List of Unclassifed Man...
LED-051 ETC-LED-051 Datasheet
227Kb / 2P
Universal LED Backlight Kit 10.4" to 24" LCD Panels for LED Replacement and CCFL Conversion
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
Switch Mode LED Drivers
logo
HB Electronic Component...
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
More results

Similar Description - LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
LED Backlights
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
Charge Pump Driver for LCD White LED Backlights
REV. C
logo
TDK Electronics
ALD-514012PJ134 TDK-ALD-514012PJ134 Datasheet
636Kb / 4P
DC-DC Converter for LC Panels with LED Backlights
logo
Banner Engineering Corp...
LEDIB70X70M BANNER-LEDIB70X70M Datasheet
162Kb / 3P
LED..B..M Series Backlights
LEDIB70X70QPMA BANNER-LEDIB70X70QPMA Datasheet
190Kb / 4P
LED..B..QPMA Series Backlights
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
LED..B..W Series Backlights
LEDRB100X200N BANNER-LEDRB100X200N Datasheet
45Kb / 2P
LED Backlights (100 x 200 mm)
logo
Lowpower Semiconductor ...
LP3352 POWER-LP3352 Datasheet
398Kb / 10P
6-Channel LED Driver for Backlights
logo
LG Semicon Co.,Ltd.
42LN5200 LG-42LN5200 Datasheet
8Mb / 48P
LG LED TV applies LCD screen with LED backlights.
logo
Analog Devices
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
Charge Pump Driver for LCD White LED Backlights
Rev. D
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com