Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LED
Description  LED Series Sealed Backlights
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LED Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LED Datasheet HTML 1Page - Banner Engineering Corp. LED Datasheet HTML 2Page - Banner Engineering Corp. LED Datasheet HTML 3Page - Banner Engineering Corp. LED Datasheet HTML 4Page - Banner Engineering Corp. LED Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
150 mm × 150 mm models
M5 - 0.8 X 4
225 mm × 150 mm models
180.1
[7.091]
242.6
[9.551]
272.74
[10.738]
25.45
[1.002]
286.23
[11.269]
167.87
[6.609]
260.32
[10.249]
150
[5.906]
M5 - 0.8 X 4
LED Series Sealed Backlights
P/N 149837 Rev. F
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com