Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LED
Description  LED Series Sealed Backlights
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LED Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LED Datasheet HTML 1Page - Banner Engineering Corp. LED Datasheet HTML 2Page - Banner Engineering Corp. LED Datasheet HTML 3Page - Banner Engineering Corp. LED Datasheet HTML 4Page - Banner Engineering Corp. LED Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Light Source
LED; wavelengths:
LED Color
Wavelength
Infrared
850 nm
Visible Red
633 nm
Blue
469 nm
Green
525 nm
White
6500 K
Supply Voltage and Current
75 mm x 150 mm models: 24 V dc ± 10% @ 550 mA maximum
150 mm x 150 mm models: 24 V dc ± 10% @ 1.1 A maximum
225 mm x 150 mm models: 24 V dc ± 10% @ 1.65 A maximum
300 mm x 150 mm models: 24 V dc ± 10% @ 2.2 A maximum
Use only with a suitable Class 2 power supply (UL) or SELV power supply (CE)
Connections
Integral 5-pin M12/Euro-style quick disconnect, accessory cordset
required
Operating Conditions
Temperature: 0 °C to +50 °C (+32 °F to +122 °F)
Humidity: 95% maximum relative humidity (non-condensing)
Illumination
Diffused for use in applications needing a backlit light
Useful Life
B50/L50 Lifetime > 100,000 hours (Infrared, Red)
B50/L50 Lifetime > 90,000 hours (Blue, Green, White)
Construction
Black Valoxhousing; acrylic window
Environmental Rating
IEC IP67
Certification
This device complies with part 15 of the FCC Rules and CAN ICES-3 (A)/NMB-3(A). Operation is subject to the following two conditions:
1.
This device may not cause harmful interference, and
2.
This device must accept any interference received, including interference that may cause undesired operation.
This equipment has been tested and found to comply with the limits for a Class A digital device, pursuant to part 15 of the FCC Rules and CAN ICES-3 (A)/NMB-3(A). These limits are
designed to provide reasonable protection against harmful interference in a residential installation. This equipment generates, uses and can radiate radio frequency energy and, if not
installed and used in accordance with the instructions, may cause harmful interference to radio communications. However, there is no guarantee that interference will not occur in a
particular installation. If this equipment does cause harmful interference to radio or television reception, which can be determined by turning the equipment off and on, the user is
encouraged to try to correct the interference by one or more of the following measures:
Reorient or relocate the receiving antenna.
Increase the separation between the equipment and receiver.
Connect the equipment into an outlet on a circuit different from that to which the receiver is connected.
Consult the manufacturer.
Dimensions
All measurements are listed in millimeters [inches], unless noted otherwise.
75 mm × 150 mm models
M5 - 0.8 X 4
LED Series Sealed Backlights
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 149837 Rev. F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com