Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR46 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FDR46
Description  Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR46 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FDR46 Datasheet HTML 1Page - First Silicon Co., Ltd FDR46 Datasheet HTML 2Page - First Silicon Co., Ltd FDR46 Datasheet HTML 3Page - First Silicon Co., Ltd FDR46 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7.OUTLINE AND DIMENSIONS
Notes:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
8.SOLDERING FOOTPRINT
---
θ
0°
---
10°
0°
---
10°
L
0.25
---
--- 0.010
---
0.112
HE 3.56 3.68 3.86 0.140 0.145 0.152
E
2.54
2.69
2.84 0.100 0.106
0.006
D
1.40
1.60
1.80 0.055 0.063 0.071
c
---
---
0.15
---
---
0.004
b
0.51
0.61
0.71 0.020 0.024 0.028
A1 0.00
0.05
0.10 0.000 0.002
MAX
A
0.94
1.17
1.35 0.037 0.046 0.053
DIM
MILLIMETERS
INCHES
MIN NOM MAX MIN NOM
2019. 06. 12
4/4
Revision No : 0
FDR46



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com