Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR46 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDR46
Description  Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR46 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDR46 Datasheet HTML 1Page - First Silicon Co., Ltd FDR46 Datasheet HTML 2Page - First Silicon Co., Ltd FDR46 Datasheet HTML 3Page - First Silicon Co., Ltd FDR46 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6.ELECTRICAL CHARACTERISTICS CURVES
0.0001
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
VF,Forward Voltage(V)
150℃
85℃
25℃
-55℃
1.00E-09
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
0
20
40
60
80
100
VR,Reverse Voltage(V)
150℃
85℃
25℃
-55℃
0
2
4
6
8
10
12
0
10
20
30
40
50
VR,Reverse Voltage(V)
f=1MHz
Ta=25℃
IF vs. VF
IR vs. VR
Capacitance
2019. 06. 12
3/4
Revision No : 0
FDR46



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com