Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR46 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR46
Description  Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR46 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR46 Datasheet HTML 1Page - First Silicon Co., Ltd FDR46 Datasheet HTML 2Page - First Silicon Co., Ltd FDR46 Datasheet HTML 3Page - First Silicon Co., Ltd FDR46 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1. FEATURES
●
Very small conduction losses
●
Negligible switching losses
●
Low forward voltage drop
●
Surface mount device
●
Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
S- prefix for automotive and other applications requiring
unique site and control change requirements; AEC-Q101
qualified and PPAP capable.
2. DEVICE MARKING AND ORDERING INFORMATION
3. MAXIMUM RATINGS(Ta = 25ºC)
Repetitive peak reverse voltage
Continuous forward current
Surge Non repetitive forward current
Power Dissipation
Storage temperature range
Maximum operating junction temperature(Note 1)
Maximum soldering temperature(Note 1)
1. Pulse test: tp = 380 µs,
δ < 2 %
4. THERMAL CHARACTERISTICS
2.On epoxy printed circuit board with recommended pad layout
Parameter
Symbol
Limits
Unit
Thermal resistance from junction to ambient
RθJA
500
℃/W
Tj
150
℃
TL
260
℃
PD
250
mW
Tstg
-55~+150
℃
mA
IFSM
1
A
Parameter
Symbol
Limits
Unit
VRRM
100
V
Schottky Power Rectifier
Device
Marking
Shipping
FDR46
Z46
3000/Tape&Reel
IF
150
SOD-123
1
Cathode
2
Anode
SEMICONDUCTOR
TECHNICAL DATA
FDR46
2019. 06. 12
1/4
Revision No : 0


Similar Part No. - FDR46

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR40 FS-FDR40 Datasheet
225Kb / 4P
SCHOTTKY BARRIER DIODE
FDR40-04 FS-FDR40-04 Datasheet
225Kb / 4P
SCHOTTKY BARRIER DIODE
FDR40-05 FS-FDR40-05 Datasheet
225Kb / 4P
SCHOTTKY BARRIER DIODE
FDR40-06 FS-FDR40-06 Datasheet
225Kb / 4P
SCHOTTKY BARRIER DIODE
FDR40U FS-FDR40U Datasheet
272Kb / 3P
SCHOTTKY BARRIER DIODE
More results

Similar Description - FDR46

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com