Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR46 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR46
Description  Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR46 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR46 Datasheet HTML 1Page - First Silicon Co., Ltd FDR46 Datasheet HTML 2Page - First Silicon Co., Ltd FDR46 Datasheet HTML 3Page - First Silicon Co., Ltd FDR46 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5. ELECTRICAL CHARACTERISTICS (Ta= 25°C)
Reverse Leakage Current(Tj = 25°C)
(VR=1.5V)
(VR=10V)
(VR=50V)
(VR=75V)
Reverse Leakage Current(Tj = 60°C)
(VR=1.5V)
(VR=10V)
(VR=50V)
(VR=75V)
Forward Voltage(Tj = 25°C)
(IF=0.1mA)
(IF=10mA)
(IF=250mA)
Diode Capacitance
(VR =0V, f=1.0MHz)
(VR =1V, f=1.0MHz)
3. Pulse test: tp = 5 ms, δ < 2 %
4. Pulse test: tp = 380 µs, δ < 2 %
Cd
pF
-
11
-
-
6
-
-
-
20
VF
V
-
-
0.25
-
-
IR(Note 3)
µA
-
-
0.5
-
-
0.8
0.45
-
-
1
-
-
7.5
-
-
15
2
-
-
5
-
-
5
-
-
Characteristic
Symbol
Min.
Typ.
Max.
Unit
2019. 06. 12
2/4
Revision No : 0
FDR46



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com