Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC34063AP Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FAC34063AP
Description  DC/DC Converter Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC34063AP Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FAC34063AP Datasheet HTML 1Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 2Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 3Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 4Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 5Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 6Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Q2
Q1
100
S Q
R
I
OSC
C
PK
T
COMP.
+
-
1.25V
REF
REG
8
7
6
5
1
2
3
4
L
170µH
1N5819/SS14
C
330uF
2.2㏀
R1
47㏀
R2
V
R
0.22Ω
12V
100uF
V
1500pF
28V/175mA
V
in
sc
180Ω
+
+
O
out
CT
CC
1.0µH
100uF
VOUT
+
OPTIONAL FILTER
APPLICATION CIRCUIT
(1) Step-up Converter
TEST
CONDITIONS
RESULTS
Line Regulation
VIN=8.0V to 16V, IO=175mA
30mV= ±0.05%
Load Regulation
VIN=12V, IO=75mA to 175mA
10mV= ±0.017%
Output Ripple
VIN=12V, IO=175mA
300 mVpp
Efficiency
VIN=12V, IO=175mA
89%
2007. 5. 20
4/7
FAC34063AP/AF
Revision No : 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com