Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC34063AP Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FAC34063AP
Description  DC/DC Converter Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC34063AP Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FAC34063AP Datasheet HTML 1Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 2Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 3Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 4Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 5Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 6Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Q2
Q1
100
S Q
R
I
OSC
C
PK
T
COMP.
+
-
1.25V
REF
REG
8
7
6
5
1
2
3
4
C
470uF
1.2㏀
R1
3.6㏀
R2
V
R
0.33
25V
100uF
V
470
pF
5.0V/500mA
V
in
sc
+
+
O
out
CT
CC
1.0µH
100uF
VOUT
+
OPTIONAL FILTER
220µH
L
1N5819/SS14
(2) Step-Down Converter
TEST
CONDITIONS
RESULTS
Line Regulation
VIN=15V to 25V, IO=500mA
5mV
Load Regulation
VIN=25V, IO=50mA to 500mA
3.0mV
Output Ripple
VIN=25V, IO=500mA
100 mVpp
Short Circuit Current
VIN=25V, RL=0.1Ω
1.2A
Efficiency
VIN=25V, IO=500mA
80%
2007. 5. 20
5/7
FAC34063AP/AF
Revision No : 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com