Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC34063AP Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FAC34063AP
Description  DC/DC Converter Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC34063AP Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FAC34063AP Datasheet HTML 1Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 2Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 3Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 4Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 5Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 6Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Q2
Q1
100
S Q
R
I
OSCILLATOR
C
PK
T
COMPARATOR
+
-
1.25V
REFERENCE
REGULATOR
8
7
6
5
1
2
3
4
SWITCH
COLLECTOR
EMITTER
SWITCH
CAPACITOR
TIMING
GND
COMPARATOR
V
SENSE
I
DRIVER
COLLECTOR
CC
PK
INVERTING
INPUT
BLOCK DIAGRAM
MAXIMUM RATINGS (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Supply Voltage
VCC
40
V
Comparator Input Voltage Range
VIR
-0.3 ~ 40
V
Switch Collector Voltage
VC(SWITCH)
40
V
Switch Emitter Voltage (VPIN1=40V)
VE(SWITCH)
40
V
Switch Collector to Emitter Voltage
VCE(SWITCH)
40
V
Driver Collector Voltage
VC(DRIVER)
40
V
Driver Collector Current (Note 1)
IC(DRIVER)
100
mA
Switch Current
ISW
1.5
A
Power Dissipation
FAC34063AP
PD
500
mW
FAC34063AF
320
Operating Temperature
Topr
-40 ~ 85
Storage Temperature
Tstg
-65 ~ 150
Note 1) Maximum package power dissipation limits must be observed.
2007. 5. 20
2/7
FAC34063AP/AF
Revision No : 1
℃
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com