Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC34063AP Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC34063AP
Description  DC/DC Converter Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC34063AP Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC34063AP Datasheet HTML 1Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 2Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 3Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 4Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 5Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 6Page - First Silicon Co., Ltd FAC34063AP Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DC/DC Converter Controller
The FAC34063AP/AF series is a monolithic control circuit
containing the primary functions required for DC-to-DC
converters. These devices consist of an internal temperature
compensated reference, comparator, controlled duty cycle
oscillator with an active current limit circuit. driver and high
current output switch. This series was specifically designed to
be incorporated in Step-Down or Step-Up or Voltage-Inverting
applications with a minimum number of external components.
FEATURES
Operation from 3.0V to 40V input.
Low Standby Current.
Current Limiting.
Output Switch Current to 1.5A.
Output Voltage Adjustable.
Frequency Operation to 100kHz.
Precision 2% Reference.
8
5
1
4
Q
DIP-8
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
3 8 0 3
0 - 15
1 52 0 1
W
9 6 0 2
6 45 0 2
0 46 0 1
0 50 MIN
3 3 0 3
2 54
0 25+0 1/-0 05
7 62
Q
+
_
+
_
+
_
+
_
+
_
+
_
SOP-8
L
1
4
5
8
P
D
A
0 20+0 1/-0 05
P
T
1 27
MILLIMETERS
0 4 0 1
0 15+0 1/-0 05
4 85 0 2
B2
G
H
L
D
A
B1
DIM
6 02 0 3
1 63 0 2
0 65 0 2
3 94 0 2
+
_
+
_
+
_
+
_
+
_
+
_
1
2
3
4
8
7
6
5
SWITCH
COLLECTOR
SWITCH
EMITTER
TIMING
CAPACITOR
GND
COMPARATOR
COLLECTOR
V
INVERTING
I
SENSE
INPUT
CC
PK
DRIVER
2007. 5. 20
1/7
SEMICONDUCTOR
TECHNICAL DATA
FAC34063AP/AF
Revision No : 1


Similar Part No. - FAC34063AP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAC SCHURTER-FAC Datasheet
534Kb / 3P
Caps to Holder FEU, FEU (Med), FAU, FAC
FAC SCHURTER-FAC Datasheet
452Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, vertical
FAC SCHURTER-FAC Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
logo
M-System Co.,Ltd.
FAC MSYSTEM-FAC Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAC SCHURTER-FAC Datasheet
284Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
04.01.2022
More results

Similar Description - FAC34063AP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
RICOH electronics devic...
RV5VH RICOH-RV5VH Datasheet
384Kb / 47P
DC/DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
Dc to Dc Converter Controller
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
Sanyo Semicon Device
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
DC/DC Converter Controller
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
DC / DC Converter Controller
logo
Unisonic Technologies
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
DC to DC Converter Controller
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com