Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD62003BF Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FD62003BF
Description  7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FD62003BF Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FD62003BF Datasheet HTML 1Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 2Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 3Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 4Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 5Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RECOMMENDED OPERATING CONDITIONS (Ta=-40 ~ 85℃)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Sustaining Voltage
VCE(SUS)
0
-
40
V
Output Current
IOUT
TPW=25ms, DF=10%, 7 Circuits
0
-
400
mA
TPW=25ms, DF=30%, 7 Circuits
0
-
200
Input Voltage
VIN
0
-
30
V
Clamp Diode Reverse Voltage
VR
-
-
40
V
Clamp Diode Forward Current
IF
-
-
400
mA
Power Dissipation
AP
PD
-
-
0.52
W
AF
Ta=Topr(max) *
-
-
0.32
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN. TYP. MAX. UNIT
Output Leak Current
ICEX
1
VCE=40V, Ta=25℃
-
-
50
μA
VCE=40V, Ta=85℃
-
-
100
Collector-Emitter Saturation Voltage
VCE(sat)
2
IOUT=350mA, IIN=500 μA
-
1.2
1.6
V
IOUT=200mA, IIN=350 μA
-
1.0
1.3
IOUT=100mA, IIN=250 μA
-
0.9
1.1
Input Current
IIN(ON)
3
mA
VIN=3.85V
-
0.93
1.35
IIN(OFF)
4
IOUT=500mA, Ta=70℃
50
65
-
μA
Input Voltage
VIN(ON)
5
V
VCE=2V, IOUT=200mA
-
-
2.4
VCE=2V, IOUT=250mA
-
-
2.7
VCE=2V, IOUT=300mA
-
-
3.0
DC Current Transfer Ratio
hFE
2
VCE=2V, IOUT=350mA
1000
-
-
Clamp Diode Reverse Current
IR
6
VR=40V, Ta=25℃
-
-
50
μA
VR=40V, Ta=70℃
-
-
100
Clamp Diode Forward Voltage
VF
7
IF=350mA
-
1.7
2.0
V
Input Capacitance
CIN
-
15
25
pF
Turn-ON Delay
tON
8
VOUT=40V, RL=163Ω
CL=15pF
-
0.25
1
μs
Turn-OFF Delay
tOFF
-
0.25
1
* : on glass epoxy PCB (30 X30 X1.6mm Cu50%)
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise noted)
2015. 5. 20
3/6
Revision No : 0
VIN=0, f=1MHZ
FD62003BP/BF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com