Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD62003BF Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FD62003BF
Description  7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FD62003BF Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FD62003BF Datasheet HTML 1Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 2Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 3Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 4Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 5Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8. t
, t
ON
OPEN
OFF
PULSE
GENERATOR
Note 1
Note 2
R I
INPUT
V
= 40V
OUT
R =163Ω
L
L
C =15pF
Note 3
OUTPUT
t r
f
t
90%
50%
10%
50µs
t ON
10%
50%
90%
OFF
t
50%
50%
VOL
VOH
0
IH
V
INPUT
OUTPUT
Notes : 1. Pulse Width 50μs, Duty Cycle 10%
Output Impedance 50Ω , t ≤
r
5ns, t ≤
f
10ns
2015. 5. 20
5/6
FD62003BP/BF
Revision No : 0
2. See below
Input Conditions
3. CL includes probe and Jig capacitance.
Type Number
RI
VIH
FD62003BP/BF
0
3V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com