Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD62003BF Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FD62003BF
Description  7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FD62003BF Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FD62003BF Datasheet HTML 1Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 2Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 3Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 4Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 5Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
I
- DUTY CYCLE
OUT
DUTY CYCLE (%)
0
20
40
500
0
80
60
400
300
200
100
100
200
300
400
80
100
0
500
60
40
20
0
DUTY CYCLE (%)
OUT
I
- DUTY CYCLE
I
- V
INPUT VOLTAGE V
(V)
4.0
MAX
TYP
MIN
0
2.5
2.0
3.0
3.5
1.0
0.5
2.5
2.0
1.5
IN
4.5
IN
5.0
5.5
IN
100
n=1
2
3
4
5
6
7
Ta=25℃
n ch
ACTIVE
3
7
6
5
4
n=1
2
ACTIVE
n ch
Ta=85℃
FREE AIR
OUT
I
- DUTY CYCLE
0
0
20
100
200
300
400
500
ACTIVE
n ch
Ta=25℃
100
DUTY CYCLE (%)
40
60
80
3
7
6
5
4
n=1
2
On PCB
2015. 5. 20
6/6
FD62003BP/BF
Revision No : 0
I
- V
OUT
CE(sat)
CE(sat)
COLLECTOR-EMITTER SATURATION VOLTAGE
0.25
0.5
0.75
1.0
600
0
2.0
1.75
1.5
1.25
400
200
0.54
1.0
100
125
150
175
0
85
50
25
0
AMBIENT TEMPERATURE Ta ( C)
D
P - Ta
V
(V)
100
300
500
1.47
0
0
2
6
D
F
P
B
3
0
0
2
6
D
F
F
B
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com