Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD62003BF Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FD62003BF
Description  7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FD62003BF Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FD62003BF Datasheet HTML 1Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 2Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 3Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 4Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 5Page - First Silicon Co., Ltd FD62003BF Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FEATURES
Output Current : 500mA Max.
High Sustaining Voltage Outputs : 40V Min.
Output Clamp Diodes.
Inputs Compatible With TTL or 5V CMOS devices.
PKG Type BP : DIP-16 Pin, BF : SOP-16 Pin
DESCRIPTION:
The FD62003AP/AF are high-voltage, high-current
darlington transistor array comprised of seven NPN darlington pairs.
All units feature internal clamp diodes for switching inductive loads.
16
9
1
8
Θ
DIP-16
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
3 8 0 3
0 - 15
1 52 0 1
W
19 3 0 2
6 45 0 2
0 46 0 1
0 50 MIN
3 3 0 3
2 54
0 25+0 1/-0 05
7 62
Θ
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25℃, unless otherwise noted)
SOP-16
L
1
8
9
16
P
D
A
0 20+0 1/-0 05
P
T
1 27
MILLIMETERS
0 4 0 1
0 15+0 1/-0 05
9 88 0 2
B2
G
H
L
D
A
B1
DIM
6 00 0 3
1 63 0 2
0 65 0 2
3 94 0 2
+
_
+
_
+
_
+
_
+
_
+
_
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Sustaining Voltage
VCE(SUS)
40
V
Output Current
IOUT
500
mA
Input Voltage
VIN
-0.5 ~ +30
V
Clamp
Diode
Reverse Voltage
VR
50
V
Forward Current
IF
500
mA
GND Terminal Current
IGND
2.5
A
Power Dissipation
BP
PD
1.47
W
BF
0.54
W
Operating Temperature
Topr
-20
85
Storage Temperature
Tstg
-65
150
2015. 5. 20
1/6
SEMICONDUCTOR
TECHNICAL DATA
FD62003BP/BF
Revision No : 0
Input Resistor : 2.7KΩ
APPLICATION :
Relay Driver.
Hammer Driver.
Lamp and LED Display Driver.
Line driver and Logic buffer.
℃
℃


Similar Part No. - FD62003BF

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FD62003AF FS-FD62003AF Datasheet
259Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
More results

Similar Description - FD62003BF

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
Integrated Circuit 7-Stage Darlington Transistor Array
logo
Sanyo Semicon Device
LB1275 SANYO-LB1275 Datasheet
62Kb / 2P
7-Unit, Darlington Transistor Array???
logo
KEC(Korea Electronics)
KID65001AP KEC-KID65001AP Datasheet
812Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65001APV KEC-KID65001APV Datasheet
509Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
logo
Rohm
BA6250 ROHM-BA6250 Datasheet
73Kb / 2P
7-CHANNEL DARLINGTON TRANSISTOR ARRAY
logo
Mitsubishi Electric Sem...
M54517P MITSUBISHI-M54517P Datasheet
100Kb / 3P
7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54566DP MITSUBISHI-M54566DP Datasheet
163Kb / 5P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M54566WP MITSUBISHI-M54566WP Datasheet
80Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
logo
Rohm
BA12003DF-Z ROHM-BA12003DF-Z Datasheet
1Mb / 17P
7 Circuits Darlington Transistor Array
logo
First Silicon Co., Ltd
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com