Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STUSB4710
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STUSB4710 Datasheet HTML 10Page - STMicroelectronics STUSB4710 Datasheet HTML 11Page - STMicroelectronics STUSB4710 Datasheet HTML 12Page - STMicroelectronics STUSB4710 Datasheet HTML 13Page - STMicroelectronics STUSB4710 Datasheet HTML 14Page - STMicroelectronics STUSB4710 Datasheet HTML 15Page - STMicroelectronics STUSB4710 Datasheet HTML 16Page - STMicroelectronics STUSB4710 Datasheet HTML 17Page - STMicroelectronics STUSB4710 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
User-defined startup configuration
STUSB4710
14/34
DocID030499 Rev 4
4
User-defined startup configuration
4.1
Parameter overview
The STUSB4710 has a set of user-defined parameters that can be customized by NVM re-
programming and/or by software through I2C interface. It allows changing the preset
configuration of USB Type-C and PD interface and to define a new configuration to meet
specific customer requirements addressing various applications, use cases or specific
implementations.
The NVM re-programming overrides the initial default setting to define a new default setting
that is used at power-up or after a reset. The default value is copied at power-up, or after a
reset, from the embedded NVM into dedicated I2C register bits. The NVM re-programming
is possible few times with a customer password.
Table 6: PDO configurations in NVM
Feature
Parameter
Value
Default
PDO1
Voltage
5 V
5 V
Current
Configurable
– defined by PDO1_I [3:0]
3 A
PDO2
Voltage
Configurable
– defined by PDO2_V [1:0]
9 V
Current
Configurable
– defined by PDO2_I [3:0]
3 A
PDO3
Voltage
Configurable
– defined by PDO3_V [1:0]
12 V
Current
Configurable
– defined by PDO3_I [3:0]
3 A
PDO4
Voltage
Configurable
– defined by PDO4_V [1:0]
15 V
Current
Configurable
– defined by PDO4_I [3:0]
3 A
PDO5
Voltage
Configurable
– defined by PDO5_V [1:0]
20 V
Current
Configurable
– defined by PDO5_I [3:0]
2.25 A
When a default value is changed during system boot by software, the new settings apply as
long as the STUSB4710is being run and until it is changed again. But after power-off and
power-up, or after a hardware reset, the STUSB4710 takes back default values defined in
the NVM.
4.2
PDO
– voltage configuration in NVM
PDO2_V [1:0], PDO3_V [1:0], PDO4_V [1:0] and PDO5_V [1:0] can be configured with the
following values:
Table 7: PDO NVM voltage configuration
Value
Configuration
2b00
9 V
2b01
15 V
2b10
PDO_FLEX_V1
2b11
PDO_FLEX_V2
PDO_FLEX_V1 and PDO_FLEX_V2 are defined in a specific 10-bit register, value is being
expressed in 50 mV units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com