Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STUSB4710
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STUSB4710 Datasheet HTML 11Page - STMicroelectronics STUSB4710 Datasheet HTML 12Page - STMicroelectronics STUSB4710 Datasheet HTML 13Page - STMicroelectronics STUSB4710 Datasheet HTML 14Page - STMicroelectronics STUSB4710 Datasheet HTML 15Page - STMicroelectronics STUSB4710 Datasheet HTML 16Page - STMicroelectronics STUSB4710 Datasheet HTML 17Page - STMicroelectronics STUSB4710 Datasheet HTML 18Page - STMicroelectronics STUSB4710 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
STUSB4710
User-defined startup configuration
DocID030499 Rev 4
15/34
For instance:
PDO_FLEX_V1 = 10b0100100010 → 14.5 V
PDO_FLEX_V2 =
10b0110000110 → 19.5 V
4.3
PDO
– current configuration in NVM
PDO1_I [3:0], PDO2_I [3:0], PDO3_I [3:0], PDO4_I [3:0] and PDO5_I [3:0] can be
configured with the following fixed values:
Table 8: PDO NVM current configuration
Value
Configuration
4b0000
PDO_FLEX_I
4b0001
1.50 A
4b0010
1.75 A
4b0011
2.00 A
4b0100
2.25 A
4b0101
2.50 A
4b0110
2.75 A
4b0111
3.00 A
4b1000
3.25 A
4b1001
3.50 A
4b1010
3.75 A
4b1011
4.00 A
4b1100
4.25 A
4b1101
4.50 A
4b1110
4.75 A
4b1111
5.00 A
PDO_FLEX_I is defined in a specific 10-bit register, value is being expressed in 10 mA
units. For instance:
PDO_FLEX_I = 10b0011100001 → 2.25 A
4.4
Monitoring configuration in NVM
T_PDO_Transition can be configured from 20 to 300 ms by increments of 20 ms (0 is
not recommended). Default value is 240 ms.
T_Transition_to_0V can be configured from 84 to 1260 ms by increments of 84 ms (0
is not recommended). Default value is 168 ms.
Vshift_High can be configured from (5 to 20%). Default value ranges from 8% to 12%.
Vshift _Low can be configured from (5 to 20%). Default value is 10% for all PDO.
4.5
Discharge configuration in NVM
Both internal and external discharge paths are enabled by default. VBUS_DISCH control
pin is configured to drive a PMOS by default (active low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com