Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STUSB4710
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STUSB4710 Datasheet HTML 26Page - STMicroelectronics STUSB4710 Datasheet HTML 27Page - STMicroelectronics STUSB4710 Datasheet HTML 28Page - STMicroelectronics STUSB4710 Datasheet HTML 29Page - STMicroelectronics STUSB4710 Datasheet HTML 30Page - STMicroelectronics STUSB4710 Datasheet HTML 31Page - STMicroelectronics STUSB4710 Datasheet HTML 32Page - STMicroelectronics STUSB4710 Datasheet HTML 33Page - STMicroelectronics STUSB4710 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
STUSB4710
Package information
DocID030499 Rev 4
31/34
9.5
Packing information
Figure 14: Reel information
Table 21: Tape dimensions
Package
Pitch
Carrier width
Reel
QFN 4x4 - 24L
8 mm
12 mm
13"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com