Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STUSB4710
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STUSB4710 Datasheet HTML 13Page - STMicroelectronics STUSB4710 Datasheet HTML 14Page - STMicroelectronics STUSB4710 Datasheet HTML 15Page - STMicroelectronics STUSB4710 Datasheet HTML 16Page - STMicroelectronics STUSB4710 Datasheet HTML 17Page - STMicroelectronics STUSB4710 Datasheet HTML 18Page - STMicroelectronics STUSB4710 Datasheet HTML 19Page - STMicroelectronics STUSB4710 Datasheet HTML 20Page - STMicroelectronics STUSB4710 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
STUSB4710
I²C interface
DocID030499 Rev 4
17/34
Figure 5: Read operation
Figure 6: Write operation
5.2
Timing specifications
The device uses a standard slave I²C channel at speed up to 400 kHz.
Table 9: I2C timing parameters - VDD = 5 V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Fscl
SCL clock frequency
0
-
400
kHz
thd,sta
Hold time (repeated) START condition
0.6
-
-
µs
tlow
LOW period of the SCL clock
1.3
-
-
µs
thigh
HIGH period of the SCL clock
0.6
-
-
µs
tsu,dat
Setup time for repeated START condition
0.6
-
-
µs
thd,dat
Data hold time
0.04
-
0.9
µs
tsu,dat
Data setup time
100
-
-
µs
tr
Rise time of both SDA and SCL signals
20 + 0.1 Cb
-
300
ns
tf
Fall time of both SDA and SCL signals
20 + 0.1 Cb
-
300
ns
tsu,sto
Setup time for STOP condition
0.6
-
-
µs
tbuf
Bus free time between a STOP and START condition
1.3
-
-
µs
Cb
Capacitive load for each bus line
-
-
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com