Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4SERIESMSO Datasheet(PDF) 20 Page - TEKTRONIX, INC.

Part # 4SERIESMSO
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4SERIESMSO Datasheet(HTML) 20 Page - TEKTRONIX, INC.

Back Button 4SERIESMSO Datasheet HTML 16Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 17Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 18Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 19Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 20Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 21Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 22Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 23Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 24Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
DANL with TPA-N-PRE preamp
attached
Preamp set to "Auto", and Reference Level set to -40 dB
9 kHz - 50 kHz
< -117 dBm/Hz (< -121 dBm/Hz typical)
50 kHz – 5 MHz
< -136 dBm/Hz (< -140 dBm/Hz typical)
5 MHz - 2 GHz
< -146 dBm/Hz (< -150 dBm/Hz typical)
2 GHz – 3 GHz
< -136 dBm/Hz (< -140 dBm/Hz typical)
Spurious response
2nd harmonic distortion
(>100 MHz)
< -55 dBc (< -60 dBc typical)
3rd harmonic distortion
(>100 MHz)
< -53 dBc (< -58 dBc typical)
2nd order intermodulation
distortion (>15 MHz)
< -55 dBc (< -60 dBc typical)
3rd order intermodulation
distortion (>15 MHz)
< -55 dBc (< -60 dBc typical)
Residual spurious response
< -78 dBm (< -84 dBm typical, ≤ -15 dBm reference level and RF input terminated with 50 Ω)
At 2.5 GHz
< -62 dBm (< -73 dBm typical)
At 1.25 GHz
< -76 dBm (< -82 dBm typical)
Crosstalk to spectrum analyzer
from oscilloscope channels
≤800 MHz input frequencies
< -60 dB from ref level (typical)
>800 MHz - 2 GHz input
frequencies
< -40 dB from ref level (typical)
Phase noise from 1 GHz CW
10 kHz
< -81 dBc/Hz, < -85 dBc/Hz (typical)
100 kHz
< -97 dBc/Hz, < -101 dBc/Hz (typical)
1 MHz
< -118 dBc/Hz, < -122 dBc/Hz (typical)
Level measurement uncertainty
Reference level 10 dBm to -15 dBm. Input level ranging from reference level to 40 dB below reference level. Specifications
exclude mismatch error.
18 °C to 28 °C
9 kHz-1.5 GHz < ±1 dBm (<±0.4 dBm typical)
1.5 GHz-2.5 GHz < ±1.3 dBm (<±0.6 dBm typical)
2.5 GHz-3 GHz < ±1.5 dBm (<±0.7 dBm typical)
Over operating range
< ±2.0 dBm
Level measurement uncertainty
with TPA-N-PRE preamp attached
Preamp mode set to “Auto”. Reference level 10 dBm set to -40dBm. Input level ranging from reference level to 30 dB below
reference level. Specifications exclude mismatch error.
18 °C - 28 °C
< ±1.5 dBm (typical) either preamp state
Over operating range
< ±2.3 dBm either preamp state
Frequency measurement accuracy ±(([Reference Frequency Error] x [Marker Frequency]) + (span/750 + 2)) Hz; Reference Frequency Error = 10ppm (10 Hz / MHz)
Maximum operating input level
Average continuous power
+20 dBm (0.1 W)
DC maximum before damage
±40 V DC
Datasheet
20 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com