Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4SERIESMSO Datasheet(PDF) 13 Page - TEKTRONIX, INC.

Part # 4SERIESMSO
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4SERIESMSO Datasheet(HTML) 13 Page - TEKTRONIX, INC.

Back Button 4SERIESMSO Datasheet HTML 9Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 10Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 11Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 12Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 13Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 14Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 15Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 16Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 17Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Search (serial triggering)
Serial triggering is very useful for isolating the event of interest, but once
you’ve captured it and need to analyze the surrounding data, what do you
do? In the past, users had to manually scroll through the waveform
counting and converting bits and looking for what caused the event. You
can have the oscilloscope automatically search through the acquired data
for user-defined criteria including serial packet content. Each occurrence is
highlighted by a search mark. Rapid navigation between marks is as simple
as pressing the Previous (←) and Next (→) buttons on the screen.
Digital Voltmeter (DVM) and Frequency
Counter (free with registration)
The 3 Series MDO contains an integrated 4-digit digital voltmeter (DVM)
and 5-digit frequency counter. Any of the analog inputs can be a source for
the voltmeter, using the same probes that are already attached for general
oscilloscope usage. The DVM and frequency counter is available on any
3 Series MDO and is activated when you register your product.
A DC measurement value is shown.
The 3 Series MDO Platform
Large high-resolution touch display
The 3 Series MDO features an 11.6 inch (295 mm) wide-screen, HD
display (1920 x 1080) for seeing intricate signal details.
Connectivity
The 3 Series MDO contains a number of ports which can be used to
connect the instrument to a network, directly to a PC, or other test
equipment.
Front and rear USB host ports enable easy transfer of screen shots,
instrument settings, and waveform data to a USB mass storage device.
A USB keyboard or mouse can also be attached to a USB host port for
data entry or control.
Rear USB device port is useful for controlling the oscilloscope remotely
from a PC.
The standard 10/100 Ethernet port on the rear of the instrument
enables easy connection to networks, provides network printing, and
provides LXI Core 2011 compatibility.
A HDMI port on the rear of the instrument allows the display to be
exported to an external monitor or projector.
Remote connectivity and instrument control
Exporting data and measurements is as simple as connecting a USB cable
from the oscilloscope to your PC. Key software applications –
OpenChoice® Desktop, and Microsoft Excel and Word toolbars enable fast
and easy direct communication with your Windows PC.
The OpenChoice Desktop enables fast and easy communication between
the oscilloscope and your PC through USB or LAN for transferring settings,
waveforms, and screen images.
The embedded e*Scope® capability enables fast control of the oscilloscope
over a network connection through a standard web browser. Simply enter
the IP address or network name of the oscilloscope and a web page will be
served to the browser. Transfer and save settings, waveforms,
measurements, and screen images or make live control changes to settings
on the oscilloscope directly from the web browser.
Compact form factor
With the compact, portable form factor, you can easily move the
oscilloscope between labs. And with a depth of just 5.9 inches (149 mm), it
saves you valuable space on your test bench. The 3 Series MDO has all
the tools you'll need for everyday debug tasks, all in a single instrument.
3 Series MDO
www.tek.com 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com