Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4SERIESMSO Datasheet(PDF) 3 Page - TEKTRONIX, INC.

Part # 4SERIESMSO
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4SERIESMSO Datasheet(HTML) 3 Page - TEKTRONIX, INC.

  4SERIESMSO Datasheet HTML 1Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 2Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 3Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 4Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 5Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 6Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 7Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 8Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
The next generation of oscilloscopes
3 Series MDO
4 Series MSO
5 Series MSO
6 Series MSO
Bandwidth
up to 1 GHz
up to 1.5 GHz
up to 2 GHz
up to 8 GHz
Vertical Resolution
8 bits
12 bits
12 bits
12 bits
Display
11.6" HD
13.3" HD
15.6" HD
15.6" HD
Inputs
TekVPI
FlexChannel / TekVPI
FlexChannel / TekVPI
FlexChannel / TekVPI
Advanced Analysis
Compliance / Jitter /
Windows OS
Compliance / Jitter /
Windows OS
3 Series MDO
www.tek.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com