Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4SERIESMSO Datasheet(PDF) 21 Page - TEKTRONIX, INC.

Part # 4SERIESMSO
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4SERIESMSO Datasheet(HTML) 21 Page - TEKTRONIX, INC.

Back Button 4SERIESMSO Datasheet HTML 17Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 18Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 19Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 20Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 21Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 22Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 23Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 24Page - TEKTRONIX, INC. 4SERIESMSO Datasheet HTML 25Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Maximum power before
damage (CW)
+33 dBm (2 W)
Maximum power before
damage (pulse)
+45 dBm (32 W) (<10 µs pulse width, <1% duty cycle, and reference level of ≥ +10 dBm)
Maximum operating input level
with TPA-N-PRE preamp attached
Average continuous power
+20 dBm (0.1 W)
DC maximum before damage
±20 V DC
Maximum power before
damage (CW)
+30 dBm (1 W)
Maximum power before
damage (pulse)
+45 dBm (32 W) (<10 μs pulse width, <1% duty cycle, and reference level of ≥ +10 dBm)
Frequency domain trace types
Normal, Average, Max Hold, Min Hold
Detection methods
+Peak, -Peak, Average, Sample
Automatic markers
One to eleven peaks identified based on user-adjustable threshold and excursion values
Manual markers
Two manual markers indicating frequency, amplitude, noise density, and phase noise
Marker readouts
Absolute or Delta
FFT windows
FFT window
Factor
Kaiser
2.23
Rectangular
0.89
Hamming
1.30
Hanning
1.44
Blackman-Harris
1.90
Flat-Top
3.77
3 Series MDO
www.tek.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com