Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT3604 Datasheet HTML 1Page - Catalyst Semiconductor CAT3604 Datasheet HTML 2Page - Catalyst Semiconductor CAT3604 Datasheet HTML 3Page - Catalyst Semiconductor CAT3604 Datasheet HTML 4Page - Catalyst Semiconductor CAT3604 Datasheet HTML 5Page - Catalyst Semiconductor CAT3604 Datasheet HTML 6Page - Catalyst Semiconductor CAT3604 Datasheet HTML 7Page - Catalyst Semiconductor CAT3604 Datasheet HTML 8Page - Catalyst Semiconductor CAT3604 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT3604
3
Doc. No. 5008, Rev. I
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS
Limits over recommended operating conditions unless specified otherwise. Typical values at TA = 25˚C, VIN = 3.5V,
IRSET = 5
µA
ABSOLUTE MAXIMUM RATINGS
r
e
t
e
m
a
r
a
Pg
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
x
D
E
L
,
T
U
O
V
,
N
I
V0
.
7
o
t
3
.
0
-V
e
g
a
t
l
o
v
x
R
T
C
,
N
EN
I
V
o
t
3
.
0
-V
e
g
a
t
l
o
v
T
E
S
RN
I
V
o
t
3
.
0
-V
t
n
e
r
r
u
c
T
E
S
R+1A
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A5
8
+
o
t
0
4
-
oC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
6
1
+
o
t
5
6
-
oC
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L0
0
3
oC
s
g
n
i
t
a
R
D
S
E
)
M
B
H
(
l
e
d
o
M
y
d
o
B
n
a
m
u
H
)
1
e
t
o
n
(
)
M
M
(
l
e
d
o
M
e
n
i
h
c
a
M
0
0
0
2
0
0
2
V
V
r
e
t
e
m
a
r
a
Pg
n
i
t
a
Rt
i
n
U
N
I
V5
.
5
o
t
0
.
3V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A5
8
+
o
t
0
4
-
oC
s
r
o
t
i
c
a
p
a
C
t
e
k
c
u
B
/
t
u
p
t
u
O
/
t
u
p
n
I1 +
l
a
c
i
p
y
t
%
0
2F
µ
I
D
E
L
n
i
p
D
E
L
r
e
p0
3
o
t
0A
m
RECOMMENDED OPERATING CONDITIONS
Note 1:
Machine model is with 200pF capacitor discharged directly into each pin.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Mt
i
n
U
I
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
V
N
E
e
d
o
M
n
w
o
d
t
u
h
S
V
0
=
d
a
o
L
o
N
,
e
d
o
M
x
1
d
a
o
L
o
N
,
e
d
o
M
x
5
.
1
5
0
.
0
3
.
0
6
.
2
1
1
5
A
µ
A
m
A
m
V
T
E
S
R
e
g
a
t
l
o
V
d
e
t
a
l
u
g
e
R
T
E
S
R7
1
.
12
.
13
2
.
1V
I
D
E
L
t
n
e
r
r
u
C
D
E
L
d
e
m
m
a
r
g
o
r
P
I
T
E
S
R
A
µ
5
=
I
T
E
S
R
A
µ
7
3
=
I
T
E
S
R
A
µ
8
7
=
4
.
2
0
.
5
1
0
.
0
3
A
m
A
m
A
m
I
C
C
A
-
D
E
L
y
c
a
r
u
c
c
A
t
n
e
r
r
u
C
D
E
L
I
<
A
m
5
.
0
D
E
L
A
m
3
<
I
<
A
m
3
D
E
L
A
m
0
3
<
+ 5
1
+5
%
%
I
V
E
D
-
D
E
L
g
n
i
h
c
t
a
M
l
e
n
n
a
h
C
D
E
LI
(
-
D
E
L
I
G
V
A
D
E
L
I
/
)
G
V
A
D
E
L
+3%
R
T
U
O
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
)
p
o
o
L
n
e
p
O
(
e
d
o
M
x
1
I
,
e
d
o
M
x
5
.
1
T
U
O
A
m
0
0
1
=
4
.
1
5
.
6
5
.
2
0
1
Ω
Ω
f
C
S
O
y
c
n
e
u
q
e
r
F
p
m
u
P
e
g
r
a
h
C8
.
00
.
13
.
1z
H
M
T
T
U
O
P
O
R
D
n
o
i
t
i
s
n
a
r
T
e
d
o
M
x
5
.
1
o
t
x
1
y
a
l
e
D
t
u
o
p
o
r
D
4
.
06
.
09
.
0s
m
I
R
T
C
-
N
E
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I2
&
1
,
0
R
T
C
,
N
E
s
t
u
p
n
I
n
O1
0
0
.
01
A
µ
V
R
T
C
-
N
E
d
l
o
h
s
e
r
h
T
t
c
e
t
e
D
h
g
i
H
d
l
o
h
s
e
r
h
T
t
c
e
t
e
D
w
o
L
2
&
1
,
0
R
T
C
,
N
E
s
t
u
p
n
I
n
O
4
.
0
8
.
0
7
.
0
3
.
1V
V
I
C
S
t
i
m
i
L
t
n
e
r
r
u
C
t
u
p
n
ID
N
G
=
T
U
O
V0
35
40
6A
m
I
M
I
L
t
n
e
r
r
u
C
t
u
p
n
I
m
u
m
i
x
a
MV
1
>
T
U
O
V0
0
20
0
40
0
6A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com