Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT3604 Datasheet HTML 3Page - Catalyst Semiconductor CAT3604 Datasheet HTML 4Page - Catalyst Semiconductor CAT3604 Datasheet HTML 5Page - Catalyst Semiconductor CAT3604 Datasheet HTML 6Page - Catalyst Semiconductor CAT3604 Datasheet HTML 7Page - Catalyst Semiconductor CAT3604 Datasheet HTML 8Page - Catalyst Semiconductor CAT3604 Datasheet HTML 9Page - Catalyst Semiconductor CAT3604 Datasheet HTML 10Page - Catalyst Semiconductor CAT3604 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CAT3604
9
Doc. No. 5008, Rev. I
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
V
IN = 3.6V, EN = VIN, CIN = COUT = 1µF, unless otherwise specified.
Foldback Current Limiting
0
1
2
3
4
5
0
100
200
300
400
500
OUTPUT CURRENT [mA]
1x mode
RECOMMENDED LAYOUT
When the driver is in the 1.5x charge pump mode,
the 1MHz switching frequency operation requires
to minimize trace length and impedance to ground
on all 4 capacitors. A ground plane should cover the
area on the bottom side of the PCB opposite to the
IC and the bypass capacitors. Capacitors Cin and
Cout require short connection to ground which can
be done with multiple vias as shown on Figure 2. A
Figure 2: PCB Layout
square copper area matches the QFN16 exposed
pad (GND) which is connected by a trace to the pin
12 pad (GND). A large via (metalized hole) centered
in the square pad provides a low impedance
connection to the ground plane on the opposite
side of the PCB and allows the heat dissipated by
the driver IC to spread out resulting in excellent
thermal performance.
Figure 3: Recommended QFN 16 Package Land Pattern
2.25 mm
0.35 mm
0.65 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com